Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8563 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8563
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8563 Datasheet HTML 9Page - NXP Semiconductors TDA8563 Datasheet HTML 10Page - NXP Semiconductors TDA8563 Datasheet HTML 11Page - NXP Semiconductors TDA8563 Datasheet HTML 12Page - NXP Semiconductors TDA8563 Datasheet HTML 13Page - NXP Semiconductors TDA8563 Datasheet HTML 14Page - NXP Semiconductors TDA8563 Datasheet HTML 15Page - NXP Semiconductors TDA8563 Datasheet HTML 16Page - NXP Semiconductors TDA8563 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Feb 20
13
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
(1) Po = 0.1 W.
(2) Po =1W.
(3) Po =10W.
Fig.11 Total harmonic distortion as a function of frequency; VP = 14.4 V; RL =2 Ω.
handbook, full pagewidth
10 5
MLB669
10 4
10 3
10 2
10
1
10 2
f (Hz)
10
1
THD
(%)
(2)
(3)
(1)
(1) On condition.
(2) Mute condition.
Fig.12 Ripple rejection as a function of frequency; VP = 14.4 V; Vripple = 2 V (p-p); Rs =0 Ω.
handbook, full pagewidth
80
10 5
MLB670
10 4
10 3
10 2
10
70
60
50
f (Hz)
SVRR
(dB)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com