Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1025 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1025
Description  Linear Building Block - Dual Low Power Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1025 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1025 Datasheet HTML 2Page - Microchip Technology TC1025 Datasheet HTML 3Page - Microchip Technology TC1025 Datasheet HTML 4Page - Microchip Technology TC1025 Datasheet HTML 5Page - Microchip Technology TC1025 Datasheet HTML 6Page - Microchip Technology TC1025 Datasheet HTML 7Page - Microchip Technology TC1025 Datasheet HTML 8Page - Microchip Technology TC1025 Datasheet HTML 9Page - Microchip Technology TC1025 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1025
DS21656C-page 6
© 2005 Microchip Technology Inc.
The frequency stability of this circuit should only be a
function of the external component tolerances.
Figure 4-5 shows the circuit for a pulse width modulator
circuit. It is essentially the same as in Figure 4-4, but
with the addition of an input control voltage. When the
input control voltage is equal to one-half VDD, operation
is basically the same as described for the free-running
oscillator. If the input control voltage is moved above or
below one-half VDD, the duty cycle of the output square
wave will be altered. This is because the addition of the
control voltage at the input has now altered the trip
points. The equations for these trip points are shown in
Figure 4-5 (see VH and VL). Pulse width sensitivity to
the input voltage variations can be increased by
reducing the value of R6 from 10k
Ω and conversely,
sensitivity will be reduced by increasing the value of
R6. The values of R1 and C1 can be varied to produce
the desired center frequency.
FIGURE 4-1:
COMPARATOR
EXTERNAL HYSTERESIS
CONFIGURATION
FIGURE 4-2:
32.768 kHz “TIME OF
DAY” CLOCK
OSCILLATOR
FIGURE 4-3:
NON-RETRIGGERABLE MULTIVIBRATOR
+
–
VR
VDD
VOUT
VSRC
RA
RB
RC
1/2
TC1025
+
VDD
VOUT
VDD
RB
150k
RA
150k
RC
1M
CA
100pF
32.768kHz
Vper = 30.52µsec
1/2
TC1025
_
+
–
+
–
VDD
CMPTR1
CMPTR2
IN
IN
OUT
OUT
R3
1M
R4
1M
R6
562k
R7
1M
R2
100k
R1
100k
R8
D2
D1
10M
R9
243k
R5
10M
C1
100pF
R10
61.9k
A
B
C
GND
t0
C
GND
VDD
GND
VDD
TC1025
TC1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com