Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854ASTZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9854ASTZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9854ASTZ Datasheet HTML 34Page - Analog Devices AD9854ASTZ Datasheet HTML 35Page - Analog Devices AD9854ASTZ Datasheet HTML 36Page - Analog Devices AD9854ASTZ Datasheet HTML 37Page - Analog Devices AD9854ASTZ Datasheet HTML 38Page - Analog Devices AD9854ASTZ Datasheet HTML 39Page - Analog Devices AD9854ASTZ Datasheet HTML 40Page - Analog Devices AD9854ASTZ Datasheet HTML 41Page - Analog Devices AD9854ASTZ Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Data Sheet
AD9854
Rev. F | Page 39 of 42
SDIO
D7
I7
SCLK
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
I6
I5
I4
I3
I0
I2
I1
D6
D5
D4
D3
D2
D1
D0
CS
Figure 58. Serial Port Write Timing Clock Stall Low
SDIO
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
SCLK
INSTRUCTION CYCLE
DON'T CARE
SDO
DATA TRANSFER CYCLE
I7
I6
I5
I4
I3
I0
I2
I1
CS
Figure 59. 3-Wire Serial Port Read Timing Clock Stall Low
D7
D6
D5
D4
D3
D2
D1
D0
SDIO
SCLK
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
I7
I6
I5
I4
I3
I0
I2
I1
CS
Figure 60. Serial Port Write Timing Clock Stall High
I7
I6
I5
I4
I3
I0
I2
I1
SDIO
SCLK
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
CS
Figure 61. 2-Wire Serial Port Read Timing Clock Stall High
CR [8] is the internal update active bit. When this bit is set to
Logic 1, the I/O UD CLK pin is an output and the AD9854
generates the I/O UD CLK signal. When this bit is set to Logic 0,
external I/O UD CLK functionality is performed and the I/O
UD CLK pin is configured as an input.
CR [7] is reserved. Write to 0.
CR [6] is the inverse sinc filter bypass bit. When this bit is set,
the data from the DDS block goes directly to the output shaped
keying logic, and the clock to the inverse sinc filter is stopped.
Default is clear with the filter enabled.
CR [5] is the shaped keying enable bit. When this bit is set, the
output ramping function is enabled and is performed in
accordance with the CR [4] bit requirements.
CR [4] is the internal/external output shaped keying control bit.
When this bit is set to Logic 1, the output shaped keying factor is
internally generated and applied to both the I and Q paths.
When this bit is cleared (default), the output shaped keying
function is externally controlled by the user, and the ouput
shaped keying factor is the value of the I and Q output shaped
keying factor register. The two registers that are the output
shaped keying factors also default low such that the output is off
at power-up until the device is programmed by the user.
CR [3:2] are reserved. Write to 0.
CR [1] is the serial port MSB-/LSB-first bit. Default is low,
MSB first.
CR [0] is the serial port SDO active bit. Default is low, inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com