Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9858/PCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9858/PCBZ Datasheet HTML 20Page - Analog Devices AD9858/PCBZ Datasheet HTML 21Page - Analog Devices AD9858/PCBZ Datasheet HTML 22Page - Analog Devices AD9858/PCBZ Datasheet HTML 23Page - Analog Devices AD9858/PCBZ Datasheet HTML 24Page - Analog Devices AD9858/PCBZ Datasheet HTML 25Page - Analog Devices AD9858/PCBZ Datasheet HTML 26Page - Analog Devices AD9858/PCBZ Datasheet HTML 27Page - Analog Devices AD9858/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9858
Rev. C | Page 24 of 32
CFR[22]: Auto Clear Phase Accumulator Bit
When CFR[22] = 0 (default), a new frequency tuning word is
applied to the input of the phase accumulator and added to the
currently stored value.
When CFR[22] = 1, this bit automatically synchronously clears
(loads zeros into) the phase accumulator for one cycle upon
reception of the FUD sequence indicator.
CFR[21]: Load Delta Frequency Timer
When CFR[21] = 0 (default), the contents of the delta frequency
ramp rate word are loaded into the ramp rate timer (down counter)
upon detection of a FUD sequence.
When CFR[21] = 1, the contents of the delta frequency ramp
rate word are loaded into the ramp rate timer upon timeout
with no regard to the state of the FUD sequence indicator (that
is, the FUD sequence indicator is ignored).
CFR[20]: Clear Frequency Accumulator Bit
When CFR[20] = 1, the frequency accumulator is synchronously
cleared and is held clear until CFR[20] is returned to a Logic 0
state (default).
CFR[19]: Clear Phase Accumulator Bit
When CFR[19] = 1, the phase accumulator is synchronously
cleared and is held clear until CFR[19] is returned to a Logic 0
state (default).
CFR[18]: Not Used.
CFR[17]: Fast Lock Enable Bit
When CFR[17] = 0 (default), the PLL’s fast lock algorithm is
disabled. When CFR[17] = 1, the PLL’s fast-lock algorithm is active.
CFR[16]: FTW for Fast Lock Bit
This bit allows the user to control whether or not the PLL’s fast
lock algorithm uses the tuning word value to determine
whether or not to enter fast locking mode.
When CFR[16] = 0 (default), the fast locking algorithm of the
PLL considers the relationship between the programmed
frequency tuning word and the instantaneous frequency as part
of the locking process.
When CFR[16] = 1, the fast locking algorithm of the PLL does
not use the frequency tuning word as part of the locking process.
CFR[15]: Frequency Sweep Enable Bit
When CFR[15] = 0 (default), the device is in single-tone mode.
When CFR[15] = 1, the device is in the frequency sweep mode.
CFR[14]: Enable Sine Output Bit
When CFR[14] = 0 (default), the angle-to-amplitude conversion
logic employs a cosine function.
When CFR[14] = 1, the angle-to-amplitude conversion logic
employs a sine function.
CFR[13]: Charge Pump Offset Bit
When CFR[13] = 0 (default), the charge pump operates with
normal current settings.
When CFR[13] = 1, the charge pump operates with offset
current settings (see Charge Pump section).
CFR[12:11]: Phase Detector Divider Ratio (N)
These bits set the phase detector divide value (see Table 10).
Table 10.
CFR[12:11]
Phase Detector Divider Ratio (N)
Notes
00
1
Default value
01
2
1x
4
LSB ignored
CFR[10]: Charge Pump Polarity Bit
When CFR[10] = 0 (default), the charge pump is set up for
operation with a ground-referenced VCO. In this mode, the charge
pump sources current when the frequency at PDIN is less than
the frequency at DIVIN. It sinks current when the opposite is true.
When CFR[10] = 1, the charge pump is set up for a supply-
referenced VCO. In this mode, the source/sink operation of the
charge pump is opposite that for a ground-referenced VCO.
CFR[9:8]: Phase Detector Divider Ratio (M)
These bits set the phase detector divide value (see Table 11).
Table 11.
CFR[9:8]
Phase Detector Divider Ratio (M)
Notes
00
1
Default value
01
2
1x
4
LSB ignored
CFR[7]: Not Used
CFR[6]: 2 GHz Divider Disable Bit
When CFR[6] = 0 (default), the REFCLK divide-by-2 function
is enabled. REFCLK input can be up to 2 GHz.
When CFR[6] = 1, the REFCLK divide-by-2 function is
disabled. REFCLK input must be no more than 1 GHz.
CFR[5]: SYNCLK Disable Bit
When CFR[5] = 0 (default), the SYNCLK pin is active.
When CFR[5] = 1, the SYNCLK pin assumes a static Logic 0
state (disabled). In this state, the pin drive logic is shut down to
keep noise generated by the digital circuitry at a minimum.
However, the synchronization circuitry remains active (internally)
to maintain normal device timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com