Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9913 Datasheet HTML 17Page - Analog Devices AD9913 Datasheet HTML 18Page - Analog Devices AD9913 Datasheet HTML 19Page - Analog Devices AD9913 Datasheet HTML 20Page - Analog Devices AD9913 Datasheet HTML 21Page - Analog Devices AD9913 Datasheet HTML 22Page - Analog Devices AD9913 Datasheet HTML 23Page - Analog Devices AD9913 Datasheet HTML 24Page - Analog Devices AD9913 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD9913
Rev. E | Page 21 of 32
POWER-DOWN FEATURES
The AD9913 supports an externally controlled power-down
feature as well as software programmable power-down bits
consistent with other Analog Devices, Inc. DDS products.
The external PWR_DWN_CTL pin determines the power-
down scheme. A low on this pin allows the user to power down
DAC, PLL, input clock circuitry, and the digital section of the
chip individually via the unique control bits, CFR1 [6:4]. In this
mode, CFR1 [7] is inactive.
When the PWR_DWN_CTL is set, CFR1 [6:4] lose their
meaning. At the same time, the AD9913 provides two different
power-down modes based on the value of CFR1 [7]: a fast
recovery power-down mode in which only the digital logic and
the DAC digital logic are powered down, and a full power-
down mode in which all functions are powered down. A
significant amount of time is required to recover from power-
down mode.
Table 8 indicates the logic level for each power-down bit that
drives out of the AD9913 core logic to the analog section and
the digital clock generation section of the chip for the external
power-down operation.
Table 8. Power-Down Controls
Control
Mode Active
Description
PWR_DWN_CTL = 0
CFR1 [7] = don’t
care
Software
Control
Digital power-down = CFR1 [6]
DAC power-down = CFR1 [5]
Input clock power-down =
CFR1 [4]
PWRDWNCTL = 1
CFR1 [7] = 0
External
Control,
Fast recovery
power-down
mode
N/A
PWRDWNCTL = 1
CFR1 [7] = 1
External
Control,
Full power-
down mode
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com