Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2117-3.3DB Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2117-3.3DB
Description  800 mA Fixed Low Dropout Positive Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-3.3DB Datasheet(HTML) 4 Page - Microchip Technology

  TC2117-3.3DB Datasheet HTML 1Page - Microchip Technology TC2117-3.3DB Datasheet HTML 2Page - Microchip Technology TC2117-3.3DB Datasheet HTML 3Page - Microchip Technology TC2117-3.3DB Datasheet HTML 4Page - Microchip Technology TC2117-3.3DB Datasheet HTML 5Page - Microchip Technology TC2117-3.3DB Datasheet HTML 6Page - Microchip Technology TC2117-3.3DB Datasheet HTML 7Page - Microchip Technology TC2117-3.3DB Datasheet HTML 8Page - Microchip Technology TC2117-3.3DB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC2117
DS21665C-page 4
© 2006 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Line Regulation vs.
Temperature.
FIGURE 2-2:
Output Noise vs. Frequency.
FIGURE 2-3:
Load Regulation vs.
Temperature.
FIGURE 2-4:
IDD vs. Temperature.
FIGURE 2-5:
Dropout Voltage vs. ILOAD.
FIGURE 2-6:
3.0V VOUT vs.Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (°C)
-40°C 0°C
25°C
70°C
85°C
125°C
VIN = 3.5V to 6.0V
VOUT = 2.5V
IOUT = 0.1mA
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
CIN= 1 μF
= 1 μF
OUT
V
= 6.0V
IN
V
= 5V
OUT
I
= 100 mA
OUT
C
-40°C
0°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (°C)
1 mA to 800 mA
VOUT = 3V
25°C
70°C
85°C
125°C
TEMPERATURE (°C)
150
135
120
105
90
75
60
45
30
15
0
VOUT = 2.5V
VOUT = 5V
VIN =VOUT+1V
IOUT = 0.1mA
-40°C 0°C
25°C
70°C
85°C
125°C
0.600
0.550
0.500
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0.000
0 100 200 300 400 500 600 700 800
ILOAD(mA)
85°C
125°C
-40°C
0°C
25°C
70°C
VOUT = 3V
3.030
3.020
3.010
3.000
2.990
2.980
2.970
2.960
2.950
2.940
2.930
2.920
ILOAD = 0.1 mA
ILOAD = 300 mA
ILOAD = 500 mA
ILOAD = 800 mA
TEMPERATURE (°C)
-40°C 0°C
25°C
70°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com