Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2117-2.5EB Datasheet(PDF) 8 Page - Microchip Technology

Part # TC2117-2.5EB
Description  800 mA Fixed Low Dropout Positive Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-2.5EB Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC2117-2.5EB Datasheet HTML 4Page - Microchip Technology TC2117-2.5EB Datasheet HTML 5Page - Microchip Technology TC2117-2.5EB Datasheet HTML 6Page - Microchip Technology TC2117-2.5EB Datasheet HTML 7Page - Microchip Technology TC2117-2.5EB Datasheet HTML 8Page - Microchip Technology TC2117-2.5EB Datasheet HTML 9Page - Microchip Technology TC2117-2.5EB Datasheet HTML 10Page - Microchip Technology TC2117-2.5EB Datasheet HTML 11Page - Microchip Technology TC2117-2.5EB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC2117
DS21665C-page 8
© 2006 Microchip Technology Inc.
TABLE 4-2:
THERMAL RESISTANCE
GUIDELINES FOR TC2117 IN
3-PIN DDPAK PACKAGE
Equation 4-1 can be used in conjunction with
Equation 4-2 to ensure regulator thermal operation is
within limits. For example:
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC2117 dissipates a maximum of
only 786 mW; below the allowable limit of 1.186W. In a
similar manner, Equation 4-1 and Equation 4-2 can be
used to calculate maximum current and/or input volt-
age limits.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board Area
Thermal
Resistance
(
θJA)
2500 sq mm
2500 sq mm
2500 sq mm
25°C/W
1000 sq mm
2500 sq mm
2500 sq mm
27°C/W
125 sq mm
2500 sq mm
2500 sq mm
35°C/W
*Tab of device attached to topside copper.
Given:
VINMAX =5.0V ± 5%
VOUTMIN = 3.3V ± 0.5%
ILOADMAX = 400 mA
TJMAX = 125°C
TAMAX = 55°C
θJA = 59°C/W (SOT-223)
PD ≈ (VINMAX – VOUTMIN)ILOADMAX
= [(5.0 x 1.05) – (3.3 x .995)] 400 x 10-3
= 786 mW
PDMAX
=(TJMAX – TAMAX)
θJA
=
(125 – 55)
59
=
1.186W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com