Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0605N3A-R-A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS0605N3A-R-A
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS0605N3A-R-A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS0605N3A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A-R-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:202307A
1/6
双向晶闸管
TRIACS
CS0605N3A
主要参数
MAIN CHARACTERISTICS
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
主电极 2
MT2
3
门极
G
IT(RMS)
6A
VDRM
800V
IGT(1,2,3)
6mA
用途
APPLICATIONS
⚫ 交流开关
⚫ AC switching
⚫ 相位控制
⚫ Phase control
产品特性
FEATURES
⚫ 玻璃钝化芯片,
高可靠性和一
致性
⚫ Glass-passivated mesa
chip for reliability and
uniform
⚫ 三象限可控硅,
触发 电流 的 一
致性好
⚫ Uniform gate trigger
currents in three
quadrants
⚫ 环保 RoHS 产品
⚫ RoHS products
订货信息 ORDER MESSAGES
订 货 型 号 Order codes
印
记 Marking
封
装 Package
有卤-编带
无卤-编带
CS0605N3A
DPAK
Halogen-Reel
Halogen-Free-Reel
CS0605N3A-R-A
CS0605N3A-R-AR
DPAK


Similar Part No. - CS0605N3A-R-A

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CS060 STEGO-CS060 Datasheet
269Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
logo
PREMO CORPORATION S.L
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-100+ PREMO-CS0603-100+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-101+ PREMO-CS0603-101+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-110+ PREMO-CS0603-110+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
More results

Similar Description - CS0605N3A-R-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com