Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8566TH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8566TH
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566TH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8566TH Datasheet HTML 1Page - NXP Semiconductors TDA8566TH Datasheet HTML 2Page - NXP Semiconductors TDA8566TH Datasheet HTML 3Page - NXP Semiconductors TDA8566TH Datasheet HTML 4Page - NXP Semiconductors TDA8566TH Datasheet HTML 5Page - NXP Semiconductors TDA8566TH Datasheet HTML 6Page - NXP Semiconductors TDA8566TH Datasheet HTML 7Page - NXP Semiconductors TDA8566TH Datasheet HTML 8Page - NXP Semiconductors TDA8566TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2001 Apr 24
4
Philips Semiconductors
Objective specification
2
× 40 W/2 Ω stereo BTL car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566TH
PINNING
SYMBOL
PIN
DESCRIPTION
DIAG
1
short-circuit and temperature
pre-warning diagnostic output
IN2+
2
channel 2 input positive
IN2
−
3
channel 2 input negative
n.c.
4
not connected
n.c.
5
not connected
n.c.
6
not connected
n.c.
7
not connected
IN1+
8
channel 1 input positive
IN1
−
9
channel 1 input negative
SGND
10
signal ground
CLIP
11
clip detection output
VP1
12
supply voltage 1
OUT1+
13
channel 1 output positive
PGND1
14
power ground 1
OUT1
−
15
channel 1 output negative
OUT2+
16
channel 2 output positive
PGND2
17
power ground 2
OUT2
−
18
channel 2 output negative
VP2
19
supply voltage 2
MODE
20
mode select switch input
(standby/mute/operating)
handbook, halfpage
DIAG
IN2
+
IN2
−
n.c.
n.c.
n.c.
n.c.
IN1
+
IN1
−
SGND
MODE
VP2
OUT2
−
PGND2
OUT1
−
PGND1
OUT2
+
OUT1
+
VP1
CLIP
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA8566TH
MGU356
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com