Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3301-BI/P Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3301-BI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301-BI/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3301-BI/P Datasheet HTML 15Page - Microchip Technology MCP3301-BI/P Datasheet HTML 16Page - Microchip Technology MCP3301-BI/P Datasheet HTML 17Page - Microchip Technology MCP3301-BI/P Datasheet HTML 18Page - Microchip Technology MCP3301-BI/P Datasheet HTML 19Page - Microchip Technology MCP3301-BI/P Datasheet HTML 20Page - Microchip Technology MCP3301-BI/P Datasheet HTML 21Page - Microchip Technology MCP3301-BI/P Datasheet HTML 22Page - Microchip Technology MCP3301-BI/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21700C-page 19
MCP3301
6.5
Buffering/Filtering the Analog
Inputs
Inaccurate conversion results may occur if the signal
source for the A/D converter is not a low impedance
source. Buffering the input will solve the impedance
issue. It is also recommended that an analog filter be
used to eliminate any signals that may be aliased back
into the conversion results. Using an op amp to drive
the analog input of the MCP3301 is illustrated in
Figure 6-9. This amplifier provides a low impedance
source for the converter input and low pass filter, which
eliminates unwanted high frequency noise. Values
shown are for a 10 Hz Butterworth Low pass filter.
Low pass (anti-aliasing) filters can be designed using
Microchip’s interactive FilterLab® software. FilterLab
will calculate capacitor and resistor values as well as
determine the number of poles that are required for the
application. For more information on filtering signals,
see AN-699 “Anti-Aliasing Analog Filters for Data
Acquisition Systems”.
FIGURE 6-9:
The MCP601 Operational
Amplifier is used to implement a 2nd order anti-
aliasing filter for the signal being converted by
the MCP3301.
6.6
Layout Considerations
When laying out a printed circuit board for use with
analog components, care should be taken to reduce
noise wherever possible. A bypass capacitor from V
DD
to ground should always be used with this device and
should be placed as close as possible to the device pin.
A bypass capacitor value of 0.1 µF is recommended.
Digital and analog traces should be separated as much
as possible on the board with no traces running under-
neath the device or bypass capacitor. Extra precau-
tions should be taken to keep traces with high
frequency signals (such as clock lines) as far as
possible from analog traces.
Use of an analog ground plane is recommended in
order to keep the ground potential the same for all
devices on the board. Providing V
DD connections to
devices in a “star” configuration can also reduce noise
by eliminating current return paths and associated
errors (Figure 6-10). For more information on layout
tips when using the MCP3301 or other ADC devices,
refer to AN-688 “Layout Tips for 12-Bit A/D Converter
Applications”.
FIGURE 6-10:
VDD traces arranged in a
‘Star’ configuration in order to reduce errors
caused by current return paths.
MCP3301
V
DD
10 µF
IN-
IN+
-
+
V
IN
2.2 µF
1µF
V
REF
4.096V
Reference
0.1 µF
1µF
0.1 µF
MCP601
7.86 k
Ω
14.6 k
Ω
MCP1541
C
L
V
DD
Connection
Device 1
Device 2
Device 3
Device 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com