Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS810N3A-R-A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS810N3A-R-A
Description  TRIACS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS810N3A-R-A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS810N3A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS810N3A-R-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
版本:202310F
1/11
双向晶闸管
TRIACS
CS810N3A
主要参数
MAIN CHARACTERISTICS
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
主电极 2
MT2
3
门极
G
IT(RMS)
8A
VDRM
800V
IGT
10mA
用途
APPLICATIONS
⚫ 交流开关
⚫ AC switching
⚫ 相位控制
⚫ Phase control
产品特性
FEATURES
⚫ 玻璃钝化芯片,
高可靠性和一致
性
⚫ Glass-passivated mesa
chip for high reliability and
uniform
⚫ 低通态电流和高
浪涌电流能力
⚫ Low on-state voltage and
High ITSM
⚫ 环保 RoHS 产品
⚫ RoHS products
TO-220S
TO-220MF-K1
TO-220
TO-263
DPAK


Similar Part No. - CS810N3A-R-A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101 ONSEMI-CS8101 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8101YD8 CHERRY-CS8101YD8 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101YD8 ONSEMI-CS8101YD8 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results

Similar Description - CS810N3A-R-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com