Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS410M1A-R-A Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS410M1A-R-A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS410M1A-R-A Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS410M1A-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A-R-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
CS410M1A
版本:202108A
3/9
绝对最大额定值
ABSOLUTE RATINGS (Tc=25
℃)
Parameter
Symbol
Value
Unit
断态重复峰值电压
Repetitive peak off-state voltage
VDRM
600
V
反向重复峰值电压
Repetitive peak reverse voltage
VRRM
600
V
通态平均电流
Average on-state current
( half sine wave)
IT(AV)
4
A
通态方均根电流
On-state RMS current
( all conduction angles )
IT(RMS)
12
A
非重复浪涌峰值通态电流
Non- repetitive surge peak on-state current
( half sine wave ,t=10ms)
ITSM
110
A
I2t for fusing ( t=10ms)
I2t
60
A2s
门极峰值电流
Peak gate current
IGM
2
A
门极峰值电压
Peak gate voltage
VGM
5
V
反向门极峰值电压
Peak reverses gate voltage
VRGM
5
V
门极峰值功率
Peak gate power
PGM
5
W
门极平均功率
Average gate power ( over any 20ms period )
PG(AV)
0.5
W
存储温度
Storage temperature
Tstg
-40~150
操作结温
Operation junction temperature
TJ
125



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com