Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP60C080 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # DP60C080
Description  High Voltage RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

DP60C080 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  DP60C080 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
版本:202402A
1/5
高压整流二极管
High Voltage RECTIFIER DIODE
DP60C080
订 货 型 号 Order codes
Marking
Package
有卤-条管 Halogen-Tube
无卤-条管 Halogen Free-Tube
DP60C080-GL-B
DP60C080-GL-BR
DP60C080
TO-247-2L
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(RoHS)产品
FEATURES
 Low power loss, high efficiency
 High reliability
 RoHS product
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
60A
VR
800 V
Tj(max)
150℃
VF(typ)25℃
1.1V
APPLICATIONS
Snubber diode
Switch power supply
Antiparalle Diode for high frequ
ency switching devices
用途
 吸收回路
 开关电源
 高频开关器件并联
二极管
TO-247-2L


Similar Part No. - DP60C080

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
DP60C120 JSMC-DP60C120 Datasheet
384Kb / 4P
High Voltage Rectifier Diode
202208B
DP60C120-GL-B JSMC-DP60C120-GL-B Datasheet
384Kb / 4P
High Voltage Rectifier Diode
202208B
DP60C160 JSMC-DP60C160 Datasheet
331Kb / 4P
SILICON RECTIFIER
202110A
DP60C160-GL-B JSMC-DP60C160-GL-B Datasheet
331Kb / 4P
SILICON RECTIFIER
202110A
More results

Similar Description - DP60C080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
Rectifier diode fast, high-voltage
August 1996-Rev 1.200
logo
Shenzhen Luguang Electr...
SHV-05J LUGUANG-SHV-05J Datasheet
382Kb / 1P
High Voltage Rectifier Diode
logo
Sanken electric
SHV-02JN SANKEN-SHV-02JN Datasheet
145Kb / 5P
High Voltage Rectifier Diode
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
High Voltage Rectifier Diode
logo
EIC discrete Semiconduc...
SHV-06HN EIC-SHV-06HN Datasheet
120Kb / 1P
HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
HVM09-350 GETEDZ-HVM09-350_V01 Datasheet
507Kb / 2P
High Voltage Rectifier Diode
HVM09-450 GETEDZ-HVM09-450_V01 Datasheet
507Kb / 2P
High Voltage Rectifier Diode
HVM12-350 GETEDZ-HVM12-350_V01 Datasheet
506Kb / 2P
High Voltage Rectifier Diode
HVM12-450 GETEDZ-HVM12-450_V01 Datasheet
507Kb / 2P
High Voltage Rectifier Diode
HVM16-YB GETEDZ-HVM16-YB Datasheet
507Kb / 2P
High Voltage Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com