Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP60C080-GL-B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # DP60C080-GL-B
Description  High Voltage RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

DP60C080-GL-B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  DP60C080-GL-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080-GL-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080-GL-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080-GL-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C080-GL-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DP60C080
版本:202402A
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
项
目
Parameter
符 号
Symbol
数 值
Value
单
位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
800
V
正向平均整流电流
Average forward
Current
T
B
CB=25℃
IF(AV)
60
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive) t=10.0ms
IFSM
780
A
电流平方时间积
Current squared time
1ms ≤t<10ms Tj=25℃
I
2t
3042
A
2S
结温
Junction Temperature
Tj
-50~+150
℃
储存温度
Storage temperature range
TSTG
-50~+150
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal
resistance
from
junction to case
Rth(j-c)
-
0.7
0.9
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VRRM
IR =100μA
800
-
-
V
IR
Tj =25℃
VR=VRRM
-
0.5
1
μA
Tj =150℃
-
5
10
μA
VF
Tj =25℃
IF=60A
-
1.1
1.4
V
Tj =150℃
-
1.0
1.3
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com