Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP60C120 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # DP60C120
Description  High Voltage Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

DP60C120 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  DP60C120 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C120 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C120 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C120 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DP60C120
版本:202208B
2/4
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符
号
Symbol
数 值
Value
单
位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
1200
V
正向平均整流电流
Average forward
current
T
B
C
B
=100℃
IF(AV)
60
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive) t=8.3ms
IFSM
950
A
结温
Junction Temperature
Tj
-50~+175
℃
储存温度
Storage temperature range
TSTG
-50~+150
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最小值
Value(min)
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-247-2L
Rth(j-c)
0.45
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VRRM
IR =100μA
1200
V
IR
Tj =25℃
VR=VRRM
50
μA
Tj =150℃
200
μA
Tj =175℃
500
μA
VF
Tj =25℃
IF=60A
1.10
1.50
V
Tj =150℃
1.05
1.30
V
Tj =175℃
0.99
1.10
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com