Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP60C160 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # DP60C160
Description  SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

DP60C160 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  DP60C160 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C160 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C160 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. DP60C160 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:202110A
1/4
硅整流二极管
SILICON
RECTIFIER
DP60C160
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen Free-Tube
有卤-袋装
Halogen-Bag
无卤-袋装
Halogen Free-Bag
DP60C160-GL-B
DP60C160-GL-BR
N/A
N/A
DP60C160
TO-2472L
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(RoHS)产品
FEATURES
 Low power loss, high efficiency
 High reliability
 RoHS product
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
60A
VR
1600 V
Tj(max)
150℃
VF @30A, TJ = 25°C
1.1V
APPLICATIONS
Snubber diode
Switch power supply
Antiparalle Diode for high frequ
ency switching devices
用途
 吸收回路
 开关电源
 高频开关器件并联
二极管
TO-2472L


Similar Part No. - DP60C160

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
DP60C120 JSMC-DP60C120 Datasheet
384Kb / 4P
High Voltage Rectifier Diode
202208B
DP60C120-GL-B JSMC-DP60C120-GL-B Datasheet
384Kb / 4P
High Voltage Rectifier Diode
202208B
More results

Similar Description - DP60C160

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
SILICON RECTIFIER
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
SILICON RECTIFIER
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
SILICON RECTIFIER
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5400 JUXING-1N5400 Datasheet
5Mb / 2P
SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
Silicon Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com