Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP120F60ADNS1 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # FP120F60ADNS1
Description  FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

FP120F60ADNS1 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  FP120F60ADNS1 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP120F60ADNS1 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP120F60ADNS1 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP120F60ADNS1 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP120F60ADNS1 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
FP120F60ADNS1
版本:202209B
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
600
V
正向平均整流电流
Average forward Current
T
B
C
B
=100℃
per module
per diode
IF(AV)
120
60
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive)
t=8.3ms
IFSM
480
A
结温
Junction Temperature
Tj
-50~+175
℃
储存温度
Storage temperature range
TSTG
-50~+175
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ PER DIODE )
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最大值
Value(max)
单
位
Unit
结到管壳的热阻
per diode
Thermal resistance from junction to case
per module
Rth(j-c)
0.6
0.35
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VR
IR =50μA
600
-
-
V
IR
Tj =25℃
VR=VRRM
-
-
10
μA
Tj =125℃
-
-
800
μA
VF
Tj =25℃
IF=60A
-
1.8
2.2
V
Tj =125℃
-
1.5
2.0
V
trr
IF=0.5A, IR=1A, IRR=0.25A
-
48
55
ns
trr
IF=1A, VR=30V, diF/dt=-1
00A/μs
-
-
45
ns
trr
IF=60A, VR=200V, diF/dt=-2
00A/μs
Tc =25℃
-
27
-
ns
Qrr
-
33
-
nc
IRRM
-
1.5
-
A
trr
IF=60A, VR=200V, diF/dt=-2
00A/μs
Tc =125℃
-
91
-
ns
Qrr
-
173
-
nc
IRRM
-
3.8
-
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com