Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP300F60ADFF1 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # FP300F60ADFF1
Description  FAST RECOVER DIODE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

FP300F60ADFF1 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  FP300F60ADFF1 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. FP300F60ADFF1 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
FP300F60ADFF1
版本:202107A
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符
号
Symbol
数 值
Value
单 位
Unit
Peak Repetitive Reverse Voltage
VRRM
600
V
Average Forward Rectified Curren
TC
B
=90℃
Per Diode
Per Moudle
IF(AV)
150
300
A
RMS Forward Current
Per Diode
IF(RMS)
210
A
Non-Repetitive Surge Forward Current
t=8.3ms
IFSM
2350
A
I2T Rating for Fusing (t=8.3ms)
I2T
22918
A2S
Power Dissipation
PD
1500
W
Junction Temperature
Tj
-40~+150
℃
Storage temperature range
TSTG
-40~+125
℃
Torque
Module to Sink、Module Electrodes
Recommended(M6)
Torque
3.0~4.7
Nm
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS(maximum)
项
目
Parameter
符
号
Symbol
最大值
Value(max)
单
位
Unit
Thermal Resistance Junction to Case
Rth(j-c)
0.08
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VR
IR =50μA
600
-
-
V
IR
Tj =25
℃
VR=VRRM
-
-
0.5
mA
Tj =125
℃
-
-
5
mA
VF
Tj =25
℃
IF=150A
-
1.26
1.5
V
Tj =125
℃
-
-
1.4
V
Trr
IF=1A,VR=30V, diF/dt=-200A/μs
-
50
65
ns
Trr
IF=150A,VR=300V,diF/dt=200A/μs
Tj =25℃
-
90
-
ns
IRM
-
10
-
A
Trr
IF=150A,VR=300V,diF/dt=200A/μs
Tj =125℃
-
180
-
ns
IRM
-
18
-
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com