Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM810LEB713 Datasheet(PDF) 4 Page - Microchip Technology

Part # TCM810LEB713
Description  3-Pin Microcontroller Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810LEB713 Datasheet(HTML) 4 Page - Microchip Technology

  TCM810LEB713 Datasheet HTML 1Page - Microchip Technology TCM810LEB713 Datasheet HTML 2Page - Microchip Technology TCM810LEB713 Datasheet HTML 3Page - Microchip Technology TCM810LEB713 Datasheet HTML 4Page - Microchip Technology TCM810LEB713 Datasheet HTML 5Page - Microchip Technology TCM810LEB713 Datasheet HTML 6Page - Microchip Technology TCM810LEB713 Datasheet HTML 7Page - Microchip Technology TCM810LEB713 Datasheet HTML 8Page - Microchip Technology TCM810LEB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TCM809/TCM810
DS21661D-page 4
© 2005 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are given in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground (GND)
Ground terminal.
3.2
RESET Output (TCM809)
The RESET push-pull output remains low while VDD is
below the reset voltage threshold, and for 240 msec
(140 msec min.) after VDD rises above reset threshold.
3.3
RESET Output (TCM810)
The RESET push-pull output remains high while VDD is
below the reset voltage threshold, and for 240 msec
(140 msec min.) after VDD rises above reset threshold.
3.4
Supply Voltage (VDD)
VDD: +2.5V, +3.0V, +3.3V and +5.0V
NAME
FUNCTION
GND
Ground
RESET (TCM809) RESET push-pull output
RESET (TCM810) RESET push-pull output
VDD
Supply voltage (+2.5V, +3.0V,
+3.3V, +5.0V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com