Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS2N95A Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N95A
Description  N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N95A Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N95A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N95A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R
JCS2N95A
版本:201908A
4/9
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=475V,ID=2A,RG=25Ω,
VGS =10V
(note 4,5)
-
9.2
ns
上升时间 Turn-On rise time
tr
-
24
ns
延迟时间 Turn-Off delay time
td(off)
-
30
ns
下降时间 Turn-Off Fall time
tf
-
26.5
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =760V ,
ID=2A
VGS =10V (note 4,5)
-
14.5
nC
栅-源电荷 Gate-Source charge
Qgs
-
3.3
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
6.4
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
2
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
7.3
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=2.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V,
IS=2.0A
dIF
/dt=100A/μs (note 4)
-
595
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
2500
-
μC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大
Max
单位
Unit
JCS2N95VA/RA
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
1.04
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
85
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=80mH, IAS=2A, VDD=50V, RG
=25 Ω, 起始结温
TJ=25℃
3:ISD
≤4A, dv/dt≤100A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=80mH, IAS=2A, VDD=50V, RG
=25 Ω,Starting TJ=25℃
3:ISD
≤4A, dv/dt≤100A/μs,VDD≤BVDSS,Starting TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com