Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6549
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6549 Datasheet HTML 1Page - Microchip Technology MCP6549 Datasheet HTML 2Page - Microchip Technology MCP6549 Datasheet HTML 3Page - Microchip Technology MCP6549 Datasheet HTML 4Page - Microchip Technology MCP6549 Datasheet HTML 5Page - Microchip Technology MCP6549 Datasheet HTML 6Page - Microchip Technology MCP6549 Datasheet HTML 7Page - Microchip Technology MCP6549 Datasheet HTML 8Page - Microchip Technology MCP6549 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP6546/6R/6U/7/8/9
DS21714E-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD - VSS .........................................................................7.0V
Open-Drain output............................................... VSS + 10.5V
Analog Input (VIN+, VIN-)††............. VSS - 1.0V to VDD + 1.0V
All other inputs and outputs ........... VSS – 0.3V to VDD + 0.3V
Difference Input voltage ...................................... |VDD – VSS|
Output Short-Circuit Current .................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature (TJ)..........................+150°C
ESD protection on all pins:
(HBM;MM) .....................................2 kV;200V (MCP6546U)
(HBM;MM) ................................ 4 kV; 200V (all other parts)
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at those or any other conditions above those indicated
in the operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current
Limits”
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2, VIN– = VSS,
RPU =2.74kΩ to VPU = VDD (Refer to Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
1.6
5.5
V
VPU ≥ VDD
Quiescent Current
(per comparator)
IQ
0.3
0.6
1
µA
IOUT = 0
Input
Input Voltage Range
VCMR
VSS − 0.3
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
55
70
dB
VDD = 5V, VCM = -0.3V to 5.3V
Common Mode Rejection Ratio
CMRR
50
65
dB
VDD = 5V, VCM = 2.5V to 5.3V
Common Mode Rejection Ratio
CMRR
55
70
dB
VDD = 5V, VCM = -0.3V to 2.5V
Power Supply Rejection Ratio
PSRR
63
80
dB
VCM = VSS
Input Offset Voltage
VOS
-7.0
±1.5
+7.0
mV
VCM = VSS (Note 1)
Drift with Temperature
ΔVOS/ΔTA
±3
µV/°C TA = -40°C to +125°C, VCM = VSS
Input Hysteresis Voltage
VHYST
1.5
3.3
6.5
mV
VCM = VSS (Note 1)
Linear Temp. Co.
TC1
—6.7
µV/°C TA = -40°C to +125°C, VCM = VSS (Note 2)
Quadratic Temp. Co.
TC2
-0.035
µV/°C2 TA = -40°C to +125°C, VCM = VSS (Note 2)
Input Bias Current
IB
—1
pA
VCM = VSS
At Temperature (I-Temp parts)
IB
25
100
pA
TA = +85°C, VCM = VSS (Note 3)
At Temperature (E-Temp parts)
IB
1200
5000
pA
TA = +125°C, VCM = VSS (Note 3)
Input Offset Current
IOS
±1
pA
VCM = VSS
Common Mode Input Impedance
ZCM
—1013||4
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
Ω||pF
Note 1:
The input offset voltage is the center of the input-referred trip points. The input hysteresis is the difference between the
input-referred trip points.
2:
VHYST at differential temperatures is estimated using: VHYST (TA) = VHYST + (TA -25°C) TC1 + (TA - 25°C)2TC2.
3:
Input bias current at temperature is not tested for the SC-70-5 package
4:
Do not short the output above VSS + 10V. Limit the output current to Absolute Maximum Rating of 30 mA. The minimum
VPU test limit was VDD before Dec. 2004 (week code 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com