Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6001 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6001
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6001 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6001 Datasheet HTML 9Page - Microchip Technology MCP6001 Datasheet HTML 10Page - Microchip Technology MCP6001 Datasheet HTML 11Page - Microchip Technology MCP6001 Datasheet HTML 12Page - Microchip Technology MCP6001 Datasheet HTML 13Page - Microchip Technology MCP6001 Datasheet HTML 14Page - Microchip Technology MCP6001 Datasheet HTML 15Page - Microchip Technology MCP6001 Datasheet HTML 16Page - Microchip Technology MCP6001 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21733F-page 13
MCP6001/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
MCP6002
I/P256
0432
5-Lead SC-70 (MCP6001)
Example: (I-Temp)
1
23
5
4
5-Lead SOT-23 (MCP6001/1R/1U)
Example: (E-Temp)
XXNN
1
23
5
4
CD25
XXN (Front)
YWW (Back)
AA7 (Front)
432 (Back)
Device
I-Temp
Code
E-Temp
Code
MCP6001
AANN
CDNN
MCP6001R
ADNN
CENN
MCP6001U
AFNN
CFNN
Note: Applies to 5-Lead SOT-23.
Device
I-Temp
Code
E-Temp
Code
MCP6001
AAN
CDN
Note: Applies to 5-Lead SC-70.
OR
OR
XXNN
AA74
Device
I-Temp
Code
E-Temp
Code
MCP6001
AANN
CDNN
Note: Applies to 5-Lead SC-70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com