Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VF140 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SCF5249VF140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VF140 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SCF5249VF140 Datasheet HTML 1Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249VF140 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
SCF5249 Feature Details
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
5
•
CD Text Interface
— Allows the interface of CD subcode (transmitter only)
•
Dual Universal Synchronous/asynchronous Receiver/Transmitter (Dual UART)
— Full duplex operation
— Baud-rate generator
— Modem control signals: clear-to-send (CTS) and request-to-send (RTS)
— DMA interrupt capability
— Processor-interrupt capability
•
Queued Serial Peripheral Interface (QSPI)
— Programmable queue to support up to 16 transfers without user intervention
— Supports transfer sizes of 8 to 16 bits in 1-bit increments
— Four peripheral chip-select lines for control of up to 15 devices
— Baud rates from 273 Kbps to 17.5 Mbps at 140MHz
— Programmable delays before and after transfers
— Programmable clock phase and polarity
— Supports wraparound mode for continuous transfers
— Master mode only
•
Dual 16-bit General-purpose Multimode Timers
— Clock source selectable from external, CPU clock/2 and CPU clock/32.
— 8-bit programmable prescaler
— 2 timer inputs and 2 outputs
— Processor-interrupt capability
— 14.3 nS resolution with CPU clock at 140MHz
•
IDE/ SmartMedia Interface
— Allows direct connection to an IDE hard drive or other IDE peripheral
•
Analog/Digital Converter
— 12-Bit Resolution
— 4 Muxed inputs
•
Flash Memory Card Interface
— Allows connection to Sony MemoryStick compatible devices
— Support SD cards and other types of flash media
•
Dual I2C Interfaces
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, keypads
— Master and slave modes, support for multiple masters
— Automatic interrupt generation with programmable level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com