Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM536 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HSM536
Description  CRYSTAL CONTROLLED OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSM536 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HSM536 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSM536 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Sm003
12
08/24/05
1.00
(25.4mm)
0.08
(2.0mm)
0.08
(2.0mm)
10.00
(254.0mm)
3.15
(80mm)
0.47
(11.9mm)
0.27
(6.8mm)
0.45
(11.4mm)
0.157
(4.0mm)
1.00 Dia.
(25.4mm Dia.)
0.08
(2.0mm)
8.45 Dia.
(215mm Dia.)
0.06 Dia.
(1.5mm Dia.)
0.295 (7.5mm)
0.07 (1.75mm)
0.63 (16.0mm)
1000 PCS / REEL
0.200
(5.08mm)
0.475
(12.06mm)
0.138
(3.50mm)
0.135
(3.43mm)
0.065
(1.65mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com