Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPVM
Description  Compact Two-way Operation Type Detector Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPVM Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVM Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVM Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVM Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Detector
250
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
Operating life
50,000 cycles
50,000 cycles
(1mA 5V DC)
Without load
With load
Rating
(max.)
(Resistive load.)
Products Line
Compact detector switch. 2-direction-press, horizontal and vertical pressings, available.
Measures only 3.5
×2.8mm and 1.5mm high.
Double-sided sliding contact provides high reliability.
Suitable for reflow-soldering.
●
●
Features
For detecting lids of mobile phones, PDAs and DSCs
For detection mechanisms in devices, including DVD
players, portable CD/MD players, and digital camcorders
For switching modes of mobile phones and DSCs
For detecting the insertion of IC cards
For detecting media including CD-ROMs and Floppy disk
drives
●
●
●
●
●
1mA 5V DC
2
Ω max./5Ω max.
0.4N max.
Items
Operating force
Contact resistance
(Initial performance/After lifetime)
Typical Specifications
If you are using the solder terminals on the frame as earth terminals, please place the 3rd and 4th terminals on the
same ground.
Note
Poles
1
1
Without terminal
With terminal
SPVM110100
Positions
With
SPVM110200
Without
SPVM210100
With
SPVM210200
Without
Location lug
3,000
Minimum packing
unit
(pcs.)
Products No.
1
2
Drawing
No.
Housing
For PC board
(Reflow)
Terminal
style
Applications
Specifications
Car Use
For other detailed specifications, see P.303
For specifications for the taping package, see P.307
Compact Two-way Operation Type Detector Switch
SPVM Series


Similar Part No. - SPVM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVM110100 ALPS-SPVM110100 Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVM110100 ALPS-SPVM110100 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVM110200 ALPS-SPVM110200 Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVM110200 ALPS-SPVM110200 Datasheet
903Kb / 4P
Compact Two-way Operation Type
More results

Similar Description - SPVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com