Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648B Datasheet(PDF) 21 Page - Microchip Technology

Part # TC648B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648B Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC648B Datasheet HTML 17Page - Microchip Technology TC648B Datasheet HTML 18Page - Microchip Technology TC648B Datasheet HTML 19Page - Microchip Technology TC648B Datasheet HTML 20Page - Microchip Technology TC648B Datasheet HTML 21Page - Microchip Technology TC648B Datasheet HTML 22Page - Microchip Technology TC648B Datasheet HTML 23Page - Microchip Technology TC648B Datasheet HTML 24Page - Microchip Technology TC648B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2003 Microchip Technology Inc.
DS21755B-page 21
TC646B/TC648B/TC649B
FIGURE 5-5:
Fan Current During a Locked Rotor Condition.
5.5
Output Drive Device Selection
The TC646B/TC648B/TC649B is designed to drive an
external NPN transistor or N-channel MOSFET as the
fan speed modulating element. These two arrange-
ments are shown in Figure 5-7. For lower-current fans,
NPN transistors are a very economical choice for the
fan drive device. It is recommended that, for higher cur-
rent fans (300 mA and above), MOSFETs be used as
the fan drive device. Table 5-2 provides some possible
part numbers for use as the fan drive element.
When using a NPN transistor as the fan drive element,
a base current-limiting resistor must be used. This is
shown in Figure 5-7.
When using MOSFETs as the fan drive element, it is
very easy to turn the MOSFETs on and off at very high
rates. Because the gate capacitances of these small
MOSFETs are very low, the TC646B/TC648B/TC649B
can charge and discharge them very quickly, leading to
very fast edges. Of key concern is the turn-off edge of
the MOSFET. Since the fan motor winding is essentially
an inductor, once the MOSFET is turned off the current
that was flowing through the motor wants to continue to
flow. If the fan does not have internal clamp diodes
around the windings of the motor, there is no path for
this current to flow through and the voltage at the drain
of the MOSFET may rise until the drain-to-source rating
of the MOSFET is exceeded. This will most likely cause
the MOSFET to go into avalanche mode. Since there is
very little energy in this occurrence, it will probably not
fail the device, but it would be a long-term reliability
issue.
The following is recommended:
• Ask how the fan is designed. If the fan has clamp
diodes internally, this problem will not be seen. If
the fan does not have internal clamp diodes, it is a
good idea to install one externally (Figure 5-6).
Putting a resistor between VOUT and the gate of
the MOSFET will also help slow down the turn-off
and limit this condition.
FIGURE 5-6:
Clamp Diode For Fan Turn-
Off.
Q1
GND
RSENSE
VOUT
Q1: N-Channel MOSFET
FAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com