Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F161ADE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74F161ADE4
Description  SYNCHRONOUS 4-BIT BINARY COUNTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F161ADE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74F161ADE4 Datasheet HTML 3Page - Texas Instruments SN74F161ADE4 Datasheet HTML 4Page - Texas Instruments SN74F161ADE4 Datasheet HTML 5Page - Texas Instruments SN74F161ADE4 Datasheet HTML 6Page - Texas Instruments SN74F161ADE4 Datasheet HTML 7Page - Texas Instruments SN74F161ADE4 Datasheet HTML 8Page - Texas Instruments SN74F161ADE4 Datasheet HTML 9Page - Texas Instruments SN74F161ADE4 Datasheet HTML 10Page - Texas Instruments SN74F161ADE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN74F161A
SYNCHRONOUS 4-BIT BINARY COUNTER
SDFS056B – MARCH 1987 – REVISED AUGUST 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
0
100
0
90
MHz
CLK high or low (loading)
5
5
t
Pulse duration
CLK (counting)
High
4
4
ns
tw
Pulse duration
CLK (counting)
Low
6
7
ns
CLR low
5
5
Data before CLK
↑
High or low
5
5
LOAD before CLK
↑
High
11
11.5
tsu
Setup time
LOAD before CLK
↑
Low
8.5
9.5
ns
ENP and ENT before CLK
↑
High
11
11.5
ENP and ENT before CLK
↑
Low
5
5
Data after CLK
↑
High or low
2
2
th
Hold time
LOAD after CLK
↑
High
2
2
ns
th
Hold time
LOAD after CLK
↑
Low
0
0
ns
ENP and ENT after CLK
↑
High or low
0
0
tsu
Inactive-state setup time, CLR high before CLK
↑†
6
6
ns
† Inactive-state setup time also is referred to as recovery time.
switching characteristics (see Note 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 PF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
RL = 500 Ω,
TA = MIN TO MAX‡
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
100
120
90
MHz
tPLH
CLK (LOAD high)
Any Q
2.7
5.1
7.5
2.7
8.5
ns
tPHL
CLK (LOAD high)
Any Q
2.7
7.1
10
2.7
11
ns
tPLH
CLK (LOAD low)
Any Q
3.2
5.6
8.5
3.2
9.5
ns
tPHL
CLK (LOAD low)
Any Q
3.2
5.6
8.5
3.2
9.5
ns
tPLH
CLK
RCO
4.2
9.6
14
4.2
15
ns
tPHL
CLK
RCO
4.2
9.6
14
4.2
15
ns
tPLH
ENT
RCO
1.7
4.1
7.5
1.7
8.5
ns
tPHL
ENT
RCO
1.7
4.1
7.5
1.7
8.5
ns
tPHL
CLR
Any Q
4.7
8.6
12
4.7
13
ns
tPHL
CLR
RCO
3.7
7.6
10.5
3.7
11.5
ns
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 4: Load circuits and waveforms are shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com