Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647B Datasheet(PDF) 13 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC647B Datasheet HTML 9Page - Microchip Technology TC647B Datasheet HTML 10Page - Microchip Technology TC647B Datasheet HTML 11Page - Microchip Technology TC647B Datasheet HTML 12Page - Microchip Technology TC647B Datasheet HTML 13Page - Microchip Technology TC647B Datasheet HTML 14Page - Microchip Technology TC647B Datasheet HTML 15Page - Microchip Technology TC647B Datasheet HTML 16Page - Microchip Technology TC647B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2003 Microchip Technology Inc.
DS21756B-page 13
TC642B/TC647B
FIGURE 4-4:
VIN voltage vs. PWM duty
cycle(Typical).
The PWM duty cycle is also controlled by the VMIN pin
See Section 4.5, “Minimum Speed (VMIN Pin)”, for
more details on this function.
4.5
Minimum Speed (VMIN Pin)
For the TC642B and TC647B devices, pin 3 is the VMIN
pin. This pin is used for setting the minimum fan speed
threshold.
The minimum fan speed function provides a way to set
a threshold for a minimum duty cycle on the VOUT out-
put. This in turn produces a minimum fan speed for the
user. The voltage range for the VMIN pin is the same as
that for the VIN pin (1.20V to 2.60V). The voltage at the
VMIN pin is set in this range so that as the voltage at the
VIN pin decreases below the VMIN voltage, the output
duty cycle will be controlled by the VMIN voltage. The
following equation can be used to determine the neces-
sary voltage at VMIN for a desired minimum duty cycle
on VOUT.
EQUATION
VMIN VOLTAGE
Example: If a minimum duty cycle of 40% is desired,
the VMIN voltage should be set to:
EXAMPLE 4-1:
If the voltage at the VIN pin falls below 1.76V, the duty
cycle of the VOUT output will not decrease below the
40% value that is now set by the voltage at the VMIN
pin. In this manner, the fan will continue to operate at
40% speed even when the temperature (voltage at VIN)
continues to decrease.
For the TC642B and TC647B devices, the VMIN pin is
also used as the shutdown pin. The VSHDN and VREL
threshold voltages are characterized in the “Electrical
Characteristics” table of Section 1.0. If the VMIN pin
voltage is pulled below the VSHDN threshold, the device
will shut down (VOUT output goes to a low state, the
FAULT pin is inactive). If the voltage on the VMIN pin
then rises above the release threshold (VREL), the
device will go through a Power-Up sequence. The
Power-Up sequence is shown later in Figure 4-9.
4.6
VOUT Output (PWM Output)
The VOUT output is a digital output designed for driving
the base of a transistor or the gate of a MOSFET. The
VOUT output is designed to be able to quickly raise the
base current or the gate voltage of the external drive
device to its final value.
When the device is in shutdown mode, the VOUT output
is actively held low. The output can be varied from 0%
duty cycle (full off) to 100% duty cycle (full on). As pre-
viously discussed, the duty cycle of the VOUT output is
controlled via the VIN input voltage along with the VMIN
voltage.
A base current-limiting resistor is required when using
a transistor as the external drive device in order to limit
the amount of drive current that is drawn from the VOUT
output.
The VOUT output can be directly connected to the gate
of an external MOSFET. One concern when doing this,
though, is that the fast turn-off time of the fan drive
MOSFET can cause a problem. The fan motor looks
like an inductor. When the MOSFET is turned off
quickly, the current in the fan wants to continue to flow
in the same direction. This causes the voltage at the
drain of the MOSFET to rise. If there aren’t any clamp
diodes internal to the fan, this voltage can rise above
the drain-to-source voltage rating of the MOSFET. For
this reason, an external clamp diode is suggested. This
is shown in Figure 4-5.
0
10
20
30
40
50
60
70
80
90
100
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
VIN (V)
VMIN (V) = (DC * 1.4) + 1.20
DC = Desired Duty Cycle
100
VMIN (V) = (40 * 1.4) + 1.20
100
VMIN = 1.76V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com