Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC649BEOATR Datasheet(PDF) 26 Page - Microchip Technology

Part # TC649BEOATR
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649BEOATR Datasheet(HTML) 26 Page - Microchip Technology

Back Button TC649BEOATR Datasheet HTML 22Page - Microchip Technology TC649BEOATR Datasheet HTML 23Page - Microchip Technology TC649BEOATR Datasheet HTML 24Page - Microchip Technology TC649BEOATR Datasheet HTML 25Page - Microchip Technology TC649BEOATR Datasheet HTML 26Page - Microchip Technology TC649BEOATR Datasheet HTML 27Page - Microchip Technology TC649BEOATR Datasheet HTML 28Page - Microchip Technology TC649BEOATR Datasheet HTML 29Page - Microchip Technology TC649BEOATR Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
TC646B/TC648B/TC649B
DS21755B-page 26
 2003 Microchip Technology Inc.
FIGURE 5-13:
Design Example Schematic.
Bypass capacitor CVDD is added to the design to
decouple the bias voltage. This is good to have, espe-
cially when using a MOSFET as the drive device. This
helps to give a localized low-impedance source for the
current required to charge the gate capacitance of Q1.
Two other bypass capacitors (labeled as CB) were also
added to decouple the VIN and VAS nodes. These were
added simply to remove any noise present that might
cause false triggerings or PWM jitter. R5 is the pull-up
resistor for the FAULT output. The value for this resistor
is system-dependent.
FAULT
SENSE
R1
R2
R3
32.4 k
Ω
R4
GND
Q1
+12V
+5V
VDD
VIN
VAS
VOUT
RSENSE
CSENSE
CF
1.0 µF
CF
TC649B
Fan
CB
0.01 µF
CB
0.01 µF
+
4
5
7
6
8
1
3
2
+5V
17.8 k
Ω
237 k
Ω
45.3k
Ω
R5
10 k
Ω
0.1 µF
SI2302
or
MGSF1N02E
Panasonic®
12V, 140 mA
FBA06T12H
Thermometrics®
100 k
Ω @25°C
NHQ104B425R5
1.0 µF
3.0
Ω
CVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com