Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140-ISO Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP2140-ISO
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-ISO Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP2140-ISO Datasheet HTML 33Page - Microchip Technology MCP2140-ISO Datasheet HTML 34Page - Microchip Technology MCP2140-ISO Datasheet HTML 35Page - Microchip Technology MCP2140-ISO Datasheet HTML 36Page - Microchip Technology MCP2140-ISO Datasheet HTML 37Page - Microchip Technology MCP2140-ISO Datasheet HTML 38Page - Microchip Technology MCP2140-ISO Datasheet HTML 39Page - Microchip Technology MCP2140-ISO Datasheet HTML 40Page - Microchip Technology MCP2140-ISO Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 37
MCP2140
FIGURE 4-10:
LOW POWER WAVEFORM
TABLE 4-10:
LOW POWER REQUIREMENTS
AC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR140
TRXPD2OSC RXPD pulse edge to valid
device oscillator (1)
—
—
4
ms
Note 1: At 9600 Baud, 4 ms is 4 bytes (of the 11 byte repeated SOF character). This allows the MCP2140 to
recognize a SOF character and properly receive the IR packet.
OSC1
RXPD
IR140
RXPDREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com