Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS070 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS070
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS070 Datasheet(HTML) 2 Page - Microchip Technology

  PS070 Datasheet HTML 1Page - Microchip Technology PS070 Datasheet HTML 2Page - Microchip Technology PS070 Datasheet HTML 3Page - Microchip Technology PS070 Datasheet HTML 4Page - Microchip Technology PS070 Datasheet HTML 5Page - Microchip Technology PS070 Datasheet HTML 6Page - Microchip Technology PS070 Datasheet HTML 7Page - Microchip Technology PS070 Datasheet HTML 8Page - Microchip Technology PS070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS052
DS21817B-page 2
 2004 Microchip Technology Inc.
1.0
PRODUCT OVERVIEW
PowerCal 2 is a powerful, easy to use hardware
platform that supports configuration, calibration and
test of Microchip PS7XX and PS5XX ICs. It operates
under the control of Microchip’s development/test
software interfaced to a Windows PC.
The PowerCal 2 board facilitates serial or USB com-
munication between the PC and the SMBus battery
interface. Whether connected to the PC’s serial (RS-232)
or USB port, the PowerCal 2 board must be powered
through an external 12V DC power supply.
2.0
GENERAL SETUP
The Microchip PowerCal 2 platform facilitates com-
munication between a battery containing a Microchip
PS5XX or PS7XX IC and a PC running Microchip’s
development/test
software.
The
information
that
follows will guide you through the setup of the various
features available.
2.1
Connections
• P1 – Serial (RS-232)
•J1 – USB
• J2 – 12V DC power supply
• TBP – Pluggable terminal block for device under
test. Looking into the connector on the board, the
pins from left to right are:
- V+: Battery pack positive
- C: SMBus clock
- D: SMBus data
-T:
T-pin
- V-: Battery pack negative
• TBV – Pluggable terminal block for individual cell
voltages. Use depends on the number of series
cells in a Lithium pack. Looking into the connector
on the board, the pins from left to
right are:
- VC4: Top of fourth series cell in pack
- VC3: Top of third series cell in pack
- VC2: Top of second series cell in pack
- VC1: Battery pack positive
2.2
Jumpers
• ADR – Jumper for board address identification
TABLE 2-1:
JUMPER POSITION FOR
BOARD ADDRESS ID
Legend: O = open, X = connect
2.3
USB Setup
Connect the USB cable from J1 on the PowerCal 2
board to the USB port on the PC. Connect a 12V DC
power supply to J2 and plug it into the electrical outlet.
The board is now powered. Attach your battery to the
TBP connector and launch the Microchip development/
test software on the PC.
2.4
RS-232 Setup
Connect the serial cable from P1 on the PowerCal 2
board to the RS-232 port on the PC. Connect a 12V DC
power supply to J2 and plug it into the electrical outlet.
The board is now powered. Attach your battery to the
TBP connector and launch the Microchip development/
test software on the PC.
2.5
Individual Cell Voltage Setup
(Optional)
Connections from the individual cell voltages of a
Lithium pack can be attached at TBV to measure and
calibrate the individual cell voltages of the series cells
in the pack. Unused cell voltages should be connected
to V- during VC calibration.
Address
Jumper Position
3-4
2-5
1-6
0
XXX
1X
X
O
2X
O
X
3X
O
O
4O
XX
5O
X
O
6O
O
X
7O
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com