Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA040A Datasheet(PDF) 13 Page - Microchip Technology

Part # 25AA040A
Description  4K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040A Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25AA040A Datasheet HTML 9Page - Microchip Technology 25AA040A Datasheet HTML 10Page - Microchip Technology 25AA040A Datasheet HTML 11Page - Microchip Technology 25AA040A Datasheet HTML 12Page - Microchip Technology 25AA040A Datasheet HTML 13Page - Microchip Technology 25AA040A Datasheet HTML 14Page - Microchip Technology 25AA040A Datasheet HTML 15Page - Microchip Technology 25AA040A Datasheet HTML 16Page - Microchip Technology 25AA040A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2007 Microchip Technology Inc.
DS21827D-page 13
25AA040A/25LC040A
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
However, a programming cycle which is already
initiated or in progress will be completed, regardless of
the CS input signal. If CS is brought high during a
program cycle, the device will go into Standby mode as
soon as the programming cycle is complete. When the
device is deselected, SO goes to the high-impedance
state, allowing multiple parts to share the same SPI
bus. A low-to-high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a low level on CS is required prior to any sequence
being initiated.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the
25XX040A. During a read cycle, data is shifted out on
this pin after the falling edge of the serial clock.
3.3
Write-Protect (WP)
The WP pin is a hardware write-protect input pin.
When it is low, all writes to the array or STATUS
registers are disabled, but any other operations
function normally. When WP is high, all functions,
including nonvolatile writes, operate normally. At any
time, when WP is low, the write enable reset latch will
be reset and programming will be inhibited. However,
if a write cycle is already in progress, WP going low will
not change or disable the write cycle. See Table 2-4 for
the Write-Protect Functionality Matrix.
3.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses and data. Data is
latched on the rising edge of the serial clock.
3.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the 25XX040A. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
3.6
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
25XX040A while in the middle of a serial sequence
without having to retransmit the entire sequence again.
It must be held high any time this function is not being
used. Once the device is selected and a serial
sequence is underway, the HOLD pin may be pulled
low to pause further serial communication without
resetting the serial sequence. The HOLD pin must be
brought low while SCK is low, otherwise the HOLD
function will not be invoked until the next SCK high-to-
low transition. The 25XX040A must remain selected
during this sequence. The SI, SCK and SO pins are in
a high-impedance state during the time the device is
paused and transitions on these pins will be ignored. To
resume serial communication, HOLD must be brought
high while the SCK pin is low, otherwise serial
communication will not resume. Lowering the HOLD
line at any time will tri-state the SO line.
Name
PDIP, SOIC,
MSOP,
TSSOP,
DFN
Rotated
TSSOP
SOT-
23
Function
CS
1
3
5
Chip Select Input
SO
2
4
4
Serial Data Output
WP
3
5
—
Write-Protect Pin
VSS
4
6
2
Ground
SI
5
7
3
Serial Data Input
SCK
6
8
1
Serial Clock Input
HOLD
7
1
—
Hold Input
VCC
8
2
6
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com