Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1301A-ADAVUATR Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 10Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 11Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 12Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 13Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 14Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 15Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 16Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21798B-page 13
TC1301A/B
4.0
TC1301B PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
TC1301B PIN FUNCTION TABLE
4.1
RESET Output Pin
The push-pull output pin is used to monitor the output
voltage (VOUT1). If VOUT1 is less than the threshold volt-
age, the RESET output will be held in the low state. As
VOUT1 rises above the threshold, the RESET output will
remain in the low state for 300 ms and then change to
the high state, indicating that the voltage on VOUT1 is
above the threshold.
4.2
Regulated Output Voltage #1
(VOUT1)
Connect VOUT1 to the positive side of the VOUT1
capacitor and load. It is capable of 300 mA maximum
output current. For the TC1301B, VOUT1 can be turned
ON and OFF using the SHDN1 input pin.
4.3
Circuit Ground Pin (GND)
Connect GND to the negative side of the input and
output capacitor. Only the LDO internal circuitry bias
current flows out of this pin (200 µA maximum).
4.4
Reference Bypass Input
By connecting an external 10 nF capacitor (typical) to
bypass, both outputs (VOUT1 and VOUT2) will have less
noise and improved Power Supply Ripple Rejection
(PSRR) performance. The LDO output voltage start-up
time will increase with the addition of an external
bypass capacitor. By leaving this pin unconnected, the
start-up time will be minimized.
4.5
Output Voltage #2 Shutdown
(SHDN2)
ON/OFF control is performed by connecting SHDN2 to
its proper level. When this pin is connected to a voltage
less than 15% of VIN, VOUT2 will be OFF. If this pin is
connected to a voltage that is greater than 45% of VIN,
VOUT2 will be turned ON.
4.6
Regulated Output Voltage #2
(VOUT2)
Connect VOUT2 to the positive side of the VOUT2
capacitor and load. This pin is capable of a maximum
output current of 150 mA. VOUT2 can be turned ON and
OFF using SHDN2.
4.7
Unregulated Input Voltage Pin
(VIN)
Connect the unregulated input voltage source to VIN. If
the input voltage source is located more than several
inches away or is a battery, a typical minimum input
capacitance of 1 µF and 4.7 µF is recommended.
4.8
Output Voltage #1 Shutdown
(SHDN1)
ON/OFF control is performed by connecting SHDN1 to
its proper level. When this pin is connected to a voltage
less than 15% of VIN, VOUT1 will be OFF. If this pin is
connected to a voltage that is greater than 45% of VIN,
VOUT1 will be turned ON.
Pin No.
Name
Function
1
RESET
Push-pull output pin that will remain low while VDET is below the reset threshold and for
300 ms after VOUT1 rises above the reset threshold
2VOUT1
Regulated output voltage #1 capable of 300 mA
3
GND
Circuit ground pin
4
Bypass
Internal reference bypass pin. A 10 nF external capacitor can be used to further reduce
output noise and improve PSRR performance
5
SHDN2
Output #2 shutdown control Input
6VOUT2
Regulated output voltage #2 capable of 150 mA
7VIN
Unregulated input voltage pin
8
SHDN1
Output #1 shutdown control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com