Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1301A-APAVUATR Datasheet(PDF) 18 Page - Microchip Technology

Part # TC1301A-APAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-APAVUATR Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC1301A-APAVUATR Datasheet HTML 14Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 15Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 16Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 17Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 18Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 19Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 20Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 21Page - Microchip Technology TC1301A-APAVUATR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC1301A/B
DS21798B-page 18
© 2005 Microchip Technology Inc.
The maximum power dissipation capability for a
package can be calculated given the junction to
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum
internal power dissipation.
EQUATION 6-4:
EQUATION 6-5:
EQUATION 6-6:
6.3
Typical Application
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. The power
dissipation as a result of ground current is small
enough to be neglected.
6.3.1
POWER DISSIPATION EXAMPLE
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction to ambient for the application. The
thermal resistance from junction to ambient (R
θJA) is
derived from an EIA/JEDEC standard for measuring
thermal resistance for small surface-mount packages.
The EIA/JEDEC specification is JESD51-7, “High
Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages”. The standard describes the
test method and board specifications for measuring the
thermal resistance from junction to ambient. The actual
thermal resistance for a particular application can vary
depending on many factors such as copper area and
thickness. Refer to AN792, “A Method To Determine
How Much Power a SOT32 Can Dissapate in Your
Application” (DS00792), for more information regarding
this subject.
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
Maximum Package Power Dissipation at 50°C
Ambient Temperature
Package
Package Type
=
3X3DFN8
Input Voltage
VIN = 2.7V to 4.2V
LDO Output Voltages and Currents
VOUT1 = 2.8V
IOUT1 = 300 mA
VOUT2 = 1.8V
IOUT2 = 150 mA
P
DMAX
()
T
JMAX
() TAMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
PD(MAX) = Maximum device power dissipation.
TJ(MAX) = Maximum continuous junction
temperature.
TA(MAX) = Maximum ambient temperature.
R
θJA
= Thermal resistance from junction-to-
ambient.
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
TJ(RISE) = Rise in device junction temperature
over the ambient temperature.
PD(MAX)= Maximum device power dissipation.
R
θJA
= Thermal resistance from junction-to-
ambient.
T
J
T
JRISE
()
T
A
+
=
TJ
= Junction Temperature.
TJ(RISE)= Rise in device junction temperature
over the ambient temperature.
TA
= Ambient Temperature.
Maximum Ambient Temperature
TA(MAX) =50°C
Internal Power Dissipation
Internal power dissipation is the sum of the power
dissipation for each LDO pass device.
PLDO1(MAX) =(VIN(MAX) - VOUT1(MIN)) x
IOUT1(MAX)
PLDO1 = (4.2V - (0.975 x 2.8V)) x 300 mA
PLDO1 = 441.0 milliWatts
PLDO2 = (4.2V - (0.975 X 1.8V)) x 150 mA
PLDO2 = 366.8 milliWatts
PTOTAL =PLDO1 + PLDO2
PTOTAL= 807.8 milliWatts
TJ(RISE) =PTOTAL x RqJA
TJRISE = 807.8 milliWatts x 41.0° C/W
TJRISE =33.1°C
TJ =TJRISE + TA(MAX)
TJ =83.1°C
3X3DFN8 (41° C/W R
θJA)
PD(MAX) = (125°C - 50°C) / 41° C/W
PD(MAX) = 1.83 Watts
MSOP8 (208° C/W R
θJA)
PD(MAX) = (125°C - 50°C) / 208° C/W
PD(MAX) = 0.360 Watts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com