Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6001-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6001-E/P
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6001-E/P Datasheet(HTML) 2 Page - Microchip Technology

  MCP6001-E/P Datasheet HTML 1Page - Microchip Technology MCP6001-E/P Datasheet HTML 2Page - Microchip Technology MCP6001-E/P Datasheet HTML 3Page - Microchip Technology MCP6001-E/P Datasheet HTML 4Page - Microchip Technology MCP6001-E/P Datasheet HTML 5Page - Microchip Technology MCP6001-E/P Datasheet HTML 6Page - Microchip Technology MCP6001-E/P Datasheet HTML 7Page - Microchip Technology MCP6001-E/P Datasheet HTML 8Page - Microchip Technology MCP6001-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP6001/2/4
DS21733F-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD – VSS ........................................................................7.0V
All Inputs and Outputs ................... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short-Circuit Current .................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.....................................-65°C to +150°C
Maximum Junction Temperature (TJ) .......................... +150°C
ESD Protection On All Pins (HBM;MM)
............... ≥ 4 kV; 200V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2,
RL = 10 kΩ to VDD/2 and VOUT ≈ VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-4.5
—
+4.5
mV
VCM = VSS (Note 1)
Input Offset Drift with Temperature
ΔVOS/ΔTA
—±2.0
—
µV/°C TA= -40°C to +125°C,
VCM = VSS
Power Supply Rejection Ratio
PSRR
—
86
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current:
IB
—±1.0
—
pA
Industrial Temperature
IB
—19
—
pA
TA = +85°C
Extended Temperature
IB
—
1100
—
pA
TA = +125°C
Input Offset Current
IOS
—±1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS − 0.3
—
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
60
76
—
dB
VCM = -0.3V to 5.3V,
VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
88
112
—
dB
VOUT = 0.3V to VDD – 0.3V,
VCM =VSS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 25
—
VDD – 25
mV
VDD = 5.5V
Output Short-Circuit Current
ISC
—±6
—
mA
VDD = 1.8V
—±23
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
50
100
170
µA
IO = 0, VDD = 5.5V, VCM = 5V
Note 1:
MCP6001/2/4 parts with date codes prior to December 2004 (week code 49) were tested to ±7 mV minimum/
maximum limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com