Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546R-E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6546R-E/P
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546R-E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6546R-E/P Datasheet HTML 24Page - Microchip Technology MCP6546R-E/P Datasheet HTML 25Page - Microchip Technology MCP6546R-E/P Datasheet HTML 26Page - Microchip Technology MCP6546R-E/P Datasheet HTML 27Page - Microchip Technology MCP6546R-E/P Datasheet HTML 28Page - Microchip Technology MCP6546R-E/P Datasheet HTML 29Page - Microchip Technology MCP6546R-E/P Datasheet HTML 30Page - Microchip Technology MCP6546R-E/P Datasheet HTML 31Page - Microchip Technology MCP6546R-E/P Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 29
MCP6546/6R/6U/7/8/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6546:
Single Comparator
MCP6546T: Single Comparator (Tape and Reel)
(SC-70, SOT-23, SOIC, MSOP)
MCP6546RT: Single Comparator (Rotated - Tape and
Reel) (SOT-23 only)
MCP6546UT: Single Comparator (Tape and Reel)
(SOT-23-5 is E-Temp only)
MCP6547:
Dual Comparator
MCP6547T: Dual Comparator
(Tape and Reel for SOIC and MSOP)
MCP6548:
Single Comparator with CS
MCP6548T: Single Comparator with CS
(Tape and Reel for SOIC and MSOP)
MCP6549:
Quad Comparator
MCP6549T: Quad Comparator
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
I
= -40°C to +85°C
E * = -40°C to +125°C
* SC-70-5 E-Temp parts not available at this release of the
data sheet.
Package:
LT
= Plastic Package (SC-70), 5-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead (MCP6549)
ST = Plastic TSSOP (4.4mm Body), 14-lead (MCP6549)
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6546T-I/LT:
Tape and Reel,
Industrial Temperature,
5LD SC-70.
b)
MCP6546T-I/OT: Tape and Reel,
Industrial Temperature,
5LD SOT-23.
c)
MCP6546-E/P:
Extended Temperature,
8LD PDIP.
d)
MCP6546RT-I/OT: Tape and Reel,
Industrial Temperature,
5LD SOT23.
e)
MCP6546-E/SN: Extended Temperature,
8LD SOIC.
f)
MCP6546UT-E/OT:Tape and Reel,
Extended Temperature,
5LD SOT23.
a)
MCP6547-I/MS:
Industrial Temperature,
8LD MSOP.
b)
MCP6547T-I/MS: Tape and Reel,
Industrial Temperature,
8LD MSOP.
c)
MCP6547-I/P:
Industrial Temperature,
8LD PDIP.
d)
MCP6547-E/SN: Extended Temperature,
8LD SOIC.
a)
MCP6548-I/SN:
Industrial Temperature,
8LD SOIC.
b)
MCP6548T-I/SN: Tape and Reel,
Industrial Temperature,
8LD SOIC.
c)
MCP6548-I/P:
Industrial Temperature,
8LD PDIP.
d)
MCP6548-E/SN: Extended Temperature,
8LD SOIC.
a)
MCP6549T-I/SL: Tape and Reel,
Industrial Temperature,
14LD SOIC.
b)
MCP6549T-E/SL: Tape and Reel,
Extended Temperature,
14LD SOIC.
c)
MCP6549-I/P:
Industrial Temperature,
14LD PDIP.
d)
MCP6549-E/ST:
Extended Temperature,
14LD TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com