Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2122 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2122
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2122 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2122 Datasheet HTML 9Page - Microchip Technology MCP2122 Datasheet HTML 10Page - Microchip Technology MCP2122 Datasheet HTML 11Page - Microchip Technology MCP2122 Datasheet HTML 12Page - Microchip Technology MCP2122 Datasheet HTML 13Page - Microchip Technology MCP2122 Datasheet HTML 14Page - Microchip Technology MCP2122 Datasheet HTML 15Page - Microchip Technology MCP2122 Datasheet HTML 16Page - Microchip Technology MCP2122 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS21894C-page 13
MCP2122
3.0
DEVELOPMENT TOOLS
The MCP212X Developer’s Daughter Board is used to
evaluate and demonstrate the MCP2122 or the
MCP2120 IrDA® Standard Encoder/Decoder devices.
A header allows the MCP212X Developer’s Daughter
Board to be jumpered easily into systems for
development purposes.
The MCP212X Developer’s Daughter Board is
designed to interface to several of the “new” low cost
PIC® Demo Boards. These include the PICDEM HPC
Explorer Demo board, the PICDEM FS USB Demo
board, and the PICDEM LCD Demo board.
When the MCP212X Developer’s Daughter Board is
used in conjunction with the PICDEM HPC Explorer
Demo board, the MCP212x can be connected to either
of the PIC18F8772's two UARTs or the RX and TX sig-
nals can be "crossed" so the MCP212x device can
communicate directly out the PICDEM HPC Explorer
Demo Board's UART (DB-9).
Features:
• 8-pin socket for installation of MCP2122
(installed) and 14-pin socket for installation of
MCP2120
• Three Optical Transceiver circuits (1 installed)
• Headers to interface to low cost PICDEM Demo
Boards, including:
- • PICDEM™ HPC Explorer Demo Board
- • PICDEM™ LCD Demo Board
- • PICDEM™ FS USB Demo Board
- • PICDEM™ 2 Plus Demo Board
• Headers to easily connect to the user’s
embedded system
• Jumpers to select routing of MCP212X signals to
the PICDEM™ Demo Board Headers
• Jumpers to configure the operating mode of the
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com