Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP2140
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP2140 Datasheet HTML 30Page - Microchip Technology MCP2140 Datasheet HTML 31Page - Microchip Technology MCP2140 Datasheet HTML 32Page - Microchip Technology MCP2140 Datasheet HTML 33Page - Microchip Technology MCP2140 Datasheet HTML 34Page - Microchip Technology MCP2140 Datasheet HTML 35Page - Microchip Technology MCP2140 Datasheet HTML 36Page - Microchip Technology MCP2140 Datasheet HTML 37Page - Microchip Technology MCP2140 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS21894C-page 35
MCP2122
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP2122:
Infrared Encoder/Decoder
MCP2122T: Infrared Encoder/Decoder, Tape and Reel
Temperature Range
E
= -40
°C to +125°C
Package
P
= Plastic DIP (300 mil, Body), 8-lead
SN = Plastic SOIC (150 mil, Body), 8-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2122-E/P:
Extended Temperature,
8L-PDIP package
b)
MCP2122-E/SN:
Extended Temperature,
8L-SOIC package
c)
MCP2122T-E/SN:
Tape and Reel,
Extended Temperature,
8L-SOIC package
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com