Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2150 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2150
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2150 Datasheet HTML 17Page - Microchip Technology MCP2150 Datasheet HTML 18Page - Microchip Technology MCP2150 Datasheet HTML 19Page - Microchip Technology MCP2150 Datasheet HTML 20Page - Microchip Technology MCP2150 Datasheet HTML 21Page - Microchip Technology MCP2150 Datasheet HTML 22Page - Microchip Technology MCP2150 Datasheet HTML 23Page - Microchip Technology MCP2150 Datasheet HTML 24Page - Microchip Technology MCP2150 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS21894C-page 21
MCP2122
4.3
Timing Diagrams and Specifications
FIGURE 4-3:
EXTERNAL CLOCK TIMING
TABLE 4-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: –40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in
Section 4.1 “DC Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
1TXCLK
External 16XCLK Period (2, 3)
542.5
—
—
ns
1A
FXCLK
External 16XCLK
Frequency (2, 3)
DC
—
1.8432
MHz
1C
EXCLK
Clock Error (4, 5)
—
—
±2
%
Note 5
3TXCLKL,
TXCLKH
Clock in (16XCLK)
Low or High Time
50
—
—
ns
4TXCLKR,
TXCLKF
Clock in (16XCLK)
Rise or Fall Time (5)
—
—
7.5
ns
Note 5
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated. These parameters are for
design guidance only and are not tested.
2: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3: A duty cycle of no more than 60/40 (High-Time/Low-Time or Low-Time/High-Time) is recommended for
external clock inputs.
4: This is the clock error from the desired clock frequency. The total system clock error includes the error from
the transmitter and the error of receiver (from the desired clock frequency). If the transmitter is 2% fast from
the target frequency, and the receiver is 2% slow from the target frequency, the total error is 4%.
5: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.
16XCLK
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com