Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5100 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS5100
Description  Nickel Chemistry Battery Manager Module with LED SOC Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5100 Datasheet(HTML) 1 Page - Microchip Technology

  PS5100 Datasheet HTML 1Page - Microchip Technology PS5100 Datasheet HTML 2Page - Microchip Technology PS5100 Datasheet HTML 3Page - Microchip Technology PS5100 Datasheet HTML 4Page - Microchip Technology PS5100 Datasheet HTML 5Page - Microchip Technology PS5100 Datasheet HTML 6Page - Microchip Technology PS5100 Datasheet HTML 7Page - Microchip Technology PS5100 Datasheet HTML 8Page - Microchip Technology PS5100 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS21903A-page 1
PS5100
• PS501 tested, fully populated modules for
evaluation
• Designed to work with 6 to 12 series cell NiMH
and NiCD battery packs
• Performs all major Nickel battery management
functions including:
- Accurate capacity monitoring
- Optional external thermistor configuration for
accurate temperature monitoring
- Supports multiple full charge detection
methods – dT/dt, -dV, programmable
overcharge
• SOC display with four LEDs and a switch
• Fully compliant with industry standard Smart
Battery Data Specification v1.1a
• SMBus v1.1 communication with system host
• High accuracy measurement of charge/discharge
current, voltage and temperature with on-chip
16-bit integrating A/D
• Precise capacity reporting using Microchip
patented algorithms and 3D battery cell models
• 3D models and “learned” parameters stored in
integrated memory
• Extremely low-power operation:
- Run mode: < 170
µA typical
- Low-Voltage Sleep mode: < 45
µA typical
- Ultra Low-Power mode: < 1
µA typical
• Complete hardware and software development
tools available
• Overall mechanical dimensions:
- 0.339 W x 1.772 L (inches)
- 8.6 W x 45.0 L (millimeters)
Part
Number
Description
PS5100
Nickel Chemistry – 6 to 12 series cells
PS501 Nickel Chemistry Battery Manager Module
with LED SOC Display


Similar Part No. - PS5100

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
PS510-100-01-2UPN8-H1141 TURCK-PS510-100-01-2UPN8-H1141 Datasheet
646Kb / 3P
Pressure Sensor – Relative Pressure: 0…100 Bar
11/07/2023
PS510-100-03-2UPN8-H1141 TURCK-PS510-100-03-2UPN8-H1141 Datasheet
655Kb / 3P
Pressure Sensor – Relative Pressure: 0…100 Bar
11/08/2023
PS510-10V-01-2UPN8-H1141 TURCK-PS510-10V-01-2UPN8-H1141 Datasheet
650Kb / 3P
Pressure sensor – Relative Pressure: -1…10 Bar
11/07/2023
PS510-10V-03-2UPN8-H1141 TURCK-PS510-10V-03-2UPN8-H1141 Datasheet
655Kb / 3P
Pressure Sensor – Relative Pressure: -1…10 Bar
11/07/2023
PS510-16V-01-2UPN8-H1141 TURCK-PS510-16V-01-2UPN8-H1141 Datasheet
646Kb / 3P
Pressure Sensor – Relative Pressure: -1…16 Bar
11/08/2023
More results

Similar Description - PS5100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
Single Chip Battery Manager - Nickel Chemistries
2003
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
PS401 Battery Manager Module with LED SOC Display
03/25/03
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
PS402 Battery Manager Module with LED SOC Display
02/12/03
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com