Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2070 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS2070
Description  Switch Mode Charger Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS2070 Datasheet(HTML) 5 Page - Microchip Technology

  PS2070 Datasheet HTML 1Page - Microchip Technology PS2070 Datasheet HTML 2Page - Microchip Technology PS2070 Datasheet HTML 3Page - Microchip Technology PS2070 Datasheet HTML 4Page - Microchip Technology PS2070 Datasheet HTML 5Page - Microchip Technology PS2070 Datasheet HTML 6Page - Microchip Technology PS2070 Datasheet HTML 7Page - Microchip Technology PS2070 Datasheet HTML 8Page - Microchip Technology PS2070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 2005 Microchip Technology Inc.
DS21927A-page 5
PS2070
4.2
Bill of Materials
TABLE 4-1:
PS2070 BILL OF MATERIALS
Symbols
Description
Manufacturer
Manufacturer PN
Qty.
Raw PCB, PS2070
Microchip
04-826196 Rev. 2.1
1
C7
Capacitor, Ceramic, 120 nF, 25V, +/-10%,
X7R dielectric, 1206
Panasonic
ECJ-3VB1E124K
1
C9
Capacitor, Ceramic, 470 nF, 25V, +/-10%,
X7R dielectric, 1206
Murata
GRM319R71E474KA01D
1
C16
Capacitor, Ceramic, 1.0 nF, 50V, +/-10%,
X7R dielectric, 1206
Panasonic
ECU-V1H102KBM
1
C1, C3, C6
Capacitor, Ceramic, 100 nF, 50V, +/-10%,
X7R dielectric, 1206
BC Components
1206B104K500BT
3
C8
Capacitor, Ceramic, 10 nF, 50V, +/-10%,
X7R dielectric, 1206
Panasonic
ECU-V1H103KBM
1
C18,
C21-C23
Capacitor, Ceramic, 4.7
µF, 25V, +/-20%,
X5R dielectric, 1206
Panasonic
ECJ-3YB1E475M
4
GRNLED,
POWER
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
2
REDLED
LED, clear red, 1206 package
Lumex
SML-LX1206SIC-TR
1
D1, D2
Schottky Diode, 40V, 3A, SMC package
On Semiconductor
International Rct.
Central Semi.
Central Semi.
MBRS340T3
MBRS340TR
CMSH3-40-PST
CMSH3-40L-PST
2
D6
Diode, Schottky, 200 mA/30V, SOT-23
Zetex
BAT54TA
1
JP2, JP18, JP19,
OVP, VIN
Connnector, shorting jumper, female, 2-position,
100 mil spacing, mates with 25 mil square pins,
15-microinch gold over nickel.
AMP
382811-6
5
J3
Header, pluggable terminal block, 5.08 mm pitch x 2
positions, 12A/250V, right-angle, closed end
Phoenix
1757242
1
JBat
Header, pluggable terminal block, 5.08 mm pitch x 5
positions, 12A/250V, right-angle, closed end
Phoenix
1757271
1
DUT
Socket, 20-pin DIP, 0.300" spacing, machine pin
Mill-Max
110-93-320-41-001000
1
J1
Connector, modular, 6-position/6-contact,
right-angle mount
AMP
520470-3
1
BAT-, GND,
PGND, PGND2
Test point, 0.125" OD, for 0.062" hole, black
Keystone
5011
4
BAT+
Test point, 0.125" OD, for 0.062" hole, red
Keystone
5010
1
BATID, CHGFBK,
CHGOUT, CTRL,
FDBK, IFBOUT,
TEMP, VI
Test point, 0.125" OD, for 0.062" hole, white
Keystone
5012
8
L1
Inductor, 68
µH, 1.8A, 130 mOhms DCR,
730 x 600 mil SMT package, -40°C to +85°C
Coilcraft
DO5022P-683
1
Bumper, hemispherical, 0.44" D x 0.20" H,
transparent plastic
3M
SJ-5303 (CLEAR)
4
OVP, VIN
Connector, break apart PCB header, straight,
2-row x 36-pin, 100 x 100 mil spacing, 235 mil/100 mil/
145 mil length, 25 mil square pins, 10-microinch gold
3M
929665-09-36-I
1
JP2, JP18, JP19
Connector, break apart PCB header, straight, 36-pin,
100 mil spacing, 235 mil/100 mil/145 mil length,
25 mil square pins, 10-microinch gold
3M
929647-09-36-I
1
J3
Pluggable terminal block, 5.08 mm pitch x 2 positions,
12A/250V
Phoenix
1757019
1
JBat
Pluggable terminal block, 5.08 mm pitch x 5 positions,
12A/250V
Phoenix
1757048
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com