Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4921-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4921-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4921-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4921-E/P Datasheet HTML 9Page - Microchip Technology MCP4921-E/P Datasheet HTML 10Page - Microchip Technology MCP4921-E/P Datasheet HTML 11Page - Microchip Technology MCP4921-E/P Datasheet HTML 12Page - Microchip Technology MCP4921-E/P Datasheet HTML 13Page - Microchip Technology MCP4921-E/P Datasheet HTML 14Page - Microchip Technology MCP4921-E/P Datasheet HTML 15Page - Microchip Technology MCP4921-E/P Datasheet HTML 16Page - Microchip Technology MCP4921-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21897B-page 13
MCP4921/4922
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V , AVSS = 0V, VREF = 2.048V, Gain = 2, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-29:
VOUT Rise Time 100%.
FIGURE 2-30:
VOUT Fall Time.
FIGURE 2-31:
VOUT Rise Time 50%.
FIGURE 2-32:
VOUT Rise Time 25% - 75%
FIGURE 2-33:
VOUT Rise Time Exit
Shutdown.
FIGURE 2-34:
PSRR vs. Frequency.
VOUT
SCK
LDAC
Time (1 µs/div)
VOUT
SCK
LDAC
Time (1 µs/div)
VOUT
SCK
LDAC
Time (1 µs/div)
Time (1 µs/div)
VOUT
LDAC
Time (1 µs/div)
VOUT
SCK
LDAC
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com