Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6271-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6271-E/MS Datasheet HTML 15Page - Microchip Technology MCP6271-E/MS Datasheet HTML 16Page - Microchip Technology MCP6271-E/MS Datasheet HTML 17Page - Microchip Technology MCP6271-E/MS Datasheet HTML 18Page - Microchip Technology MCP6271-E/MS Datasheet HTML 19Page - Microchip Technology MCP6271-E/MS Datasheet HTML 20Page - Microchip Technology MCP6271-E/MS Datasheet HTML 21Page - Microchip Technology MCP6271-E/MS Datasheet HTML 22Page - Microchip Technology MCP6271-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 19
MCP6271/1R/2/3/4/5
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6271E
644256
5-Lead SOT-23 (MCP6271 and MCP6271R)
Example:
XXNN
CG25
Device
Code
MCP6271
CGNN
MCP6271R
ETNN
Note: Applies to 5-Lead SOT-23
6-Lead SOT-23 (MCP6273)
Example:
XXNN
CK25
MCP6271
E/P^^256
0644
MCP6271
E/P256
0437
OR
MCP6271
E/SN0437
256
MCP6271E
SN^^0644
256
OR
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com