Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S08-E/ML Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP23S08-E/ML
Description  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/ML Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP23S08-E/ML Datasheet HTML 36Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 37Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 38Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 39Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 40Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 41Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 42Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 43Page - Microchip Technology MCP23S08-E/ML Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 41
MCP23008/MCP23S08
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP23008:
8-Bit I/O Expander w/ I2C™ Interface
MCP23008T:
8-Bit I/O Expander w/ I2C Interface
(Tape and Reel)
MCP23S08:
8-Bit I/O Expander w/ SPI Interface
MCP23S08T:
8-Bit I/O Expander w/ SPI Interface
(Tape and Reel)
Temperature
Range
E=
-40
°C to +125°C (Extended) *
* While these devices are only offered in the “E”
temperature range, the device will operate at different
voltages and temperatures as identified in the
Section 2.0 “Electrical Characteristics”.
Package
ML
=
Plastic Quad Flat, No Lead Package
4x4x0.9 mm Body (QFN), 20-Lead
P
=
Plastic DIP (300 mil Body), 18-Lead
SO
=
Plastic SOIC (300 mil Body), 18-Lead
SS
=
SSOP, (209 mil Body, 5.30 mm), 20-Lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP23008-E/P:
Extended Temp.,
18LD PDIP package.
b)
MCP23008-E/SO: Extended Temp.,
18LD SOIC package.
c)
MCP23008T-E/SO: Tape and Reel,
Extended Temp.,
18LD SOIC package.
d)
MCP23008-E/SS:
Extended Temp.,
20LD SSOP package.
e)
MCP23008T-E/SS: Tape and Reel,
Extended Temp.,
20LD SSOP package.
f)
MCP23008-E/ML: Extended Temp.,
20LD QFN package.
a)
MCP23S08-E/P:
Extended Temp.,
18LD PDIP package.
b)
MCP23S08-E/SO: Extended Temp.,
18LD SOIC package.
c)
MCP23S08T-E/SO: Tape and Reel,
Extended Temp.,
18LD SOIC package.
d)
MCP23S08-E/SS: Extended Temp.,
20LD SSOP package.
e)
MCP23S08T-E/SS: Tape and Reel,
Extended Temp.,
20LD SSOP package.
f)
MCP23S08T-E/MF: Tape and Reel,
Extended Temp.,
20LD QFN package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com