Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6541-E/SL Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6541-E/SL
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541-E/SL Datasheet(HTML) 1 Page - Microchip Technology

  MCP6541-E/SL Datasheet HTML 1Page - Microchip Technology MCP6541-E/SL Datasheet HTML 2Page - Microchip Technology MCP6541-E/SL Datasheet HTML 3Page - Microchip Technology MCP6541-E/SL Datasheet HTML 4Page - Microchip Technology MCP6541-E/SL Datasheet HTML 5Page - Microchip Technology MCP6541-E/SL Datasheet HTML 6Page - Microchip Technology MCP6541-E/SL Datasheet HTML 7Page - Microchip Technology MCP6541-E/SL Datasheet HTML 8Page - Microchip Technology MCP6541-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 1
MCP6541/1R/1U/2/3/4
Features
• Low Quiescent Current: 600 nA/comparator (typ.)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• CMOS/TTL-Compatible Output
• Propagation Delay: 4 µs (typ., 100 mV Overdrive)
• Wide Supply Voltage Range: 1.6V to 5.5V
• Available in Single, Dual and Quad
• Single available in SOT-23-5, SC-70-5 * packages
• Chip Select (CS) with MCP6543
• Low Switching Current
• Internal Hysteresis: 3.3 mV (typ.)
• Temperature Ranges:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Typical Applications
• Laptop Computers
• Mobile Phones
• Metering Systems
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Windowed Comparators
• Multi-vibrators
Related Devices
• Open-Drain Output: MCP6546/7/8/9
Description
The Microchip Technology Inc. MCP6541/2/3/4 family
of comparators is offered in single (MCP6541,
MCP6541R, MCP6541U), single with Chip Select (CS)
(MCP6543), dual (MCP6542) and quad (MCP6544)
configurations. The outputs are push-pull (CMOS/TTL-
compatible) and are capable of driving heavy DC or
capacitive loads.
These comparators are optimized for low power, single-
supply operation with greater than rail-to-rail input
operation.
The
push-pull
output
of
the
MCP6541/1R/1U/2/3/4 family supports rail-to-rail output
swing and interfaces with TTL/CMOS logic. The internal
input hysteresis eliminates output switching due to inter-
nal input noise voltage, reducing current draw. The out-
put limits supply current surges and dynamic power
consumption while switching. This product family oper-
ates with a single-supply voltage as low as 1.6V and
draws less than 1 µA/comparator of quiescent current.
The related MCP6546/7/8/9 family of comparators from
Microchip has an open-drain output. Used with a pull-up
resistor, these devices can be used as level-shifters for
any desired voltage up to 10V and in wired-OR logic.
* SC-70-5 E-Temp parts not available at this release of
the data sheet.
MCP6541U SOT-23-5 is E-Temp only.
Package Types
VIN+
VIN–
MCP6541
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
PDIP, SOIC, MSOP
4
1
2
3
5
SOT-23-5
VDD
OUT
VIN+
VSS
VIN–
MCP6542
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
-
OUTA
+ -
+
VDD
OUTB
VINB–
VINB+
VIN+
VIN–
MCP6543
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
PDIP, SOIC, MSOP
PDIP, SOIC, MSOP
MCP6544
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
VDD
OUTD
VIND–
VIND+
10
9
8
5
6
7
OUTB
VINB–
VINB+
VINC+
VINC–
OUTC
+
-
-
+
PDIP, SOIC, TSSOP
4
1
2
3
5
SOT-23-5, SC-70-5
VSS
OUT
VIN+
VDD
VIN–
MCP6541
-
+
MCP6541R
4
1
2
3
5
SOT-23-5
VSS
VIN–
VIN+
VDD
OUT
MCP6541U
Push-Pull Output Sub-Microamp Comparators


Similar Part No. - MCP6541-E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541-E/SN MICROCHIP-MCP6541-E/SN Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
More results

Similar Description - MCP6541-E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
Open-Drain Output Sub-Microamp Comparators
11/29/11
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com