Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S08-E/P Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP23S08-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP23S08-E/P Datasheet HTML 20Page - Microchip Technology MCP23S08-E/P Datasheet HTML 21Page - Microchip Technology MCP23S08-E/P Datasheet HTML 22Page - Microchip Technology MCP23S08-E/P Datasheet HTML 23Page - Microchip Technology MCP23S08-E/P Datasheet HTML 24Page - Microchip Technology MCP23S08-E/P Datasheet HTML 25Page - Microchip Technology MCP23S08-E/P Datasheet HTML 26Page - Microchip Technology MCP23S08-E/P Datasheet HTML 27Page - Microchip Technology MCP23S08-E/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP23008/MCP23S08
DS21919D-page 24
© 2007 Microchip Technology Inc.
2.1
DC Characteristics
DC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
D001 Supply Voltage
VDD
1.8
—
5.5
V
D002 VDD Start Voltage to
Ensure Power-on
Reset
VPOR
—VSS
—V
D003 VDD Rise Rate to
Ensure Power-on
Reset
SVDD
0.05
—
—
V/ms Design guidance only.
Not tested.
D004 Supply Current
IDD
—
—
1
mA
SCL/SCK = 1 MHz
D005 Standby current
IDDS
——
1
µA
—
—
2
µA
4.5V - 5.5V @ +125
°C
(Note 1)
Input Low-Voltage
D030 A0, A1 (TTL buffer)
VIL
VSS
—0.15 VDD
V
D031 CS, GPIO, SCL/SCK,
SDA, A2, RESET
(Schmitt Trigger)
VSS
—0.2 VDD
V
Input High-Voltage
D040 A0, A1
(TTL buffer)
VIH
0.25 VDD + 0.8
—
VDD
V
D041 CS, GPIO, SCL/SCK,
SDA, A2, RESET
(Schmitt Trigger)
0.8 VDD
—VDD
V
For entire VDD range.
Input Leakage Current
D060 I/O port pins
IIL
——
±1
µA
VSS
≤ VPIN ≤ VDD
Output Leakage Current
D065 I/O port pins
ILO
——
±1
µA
VSS
≤ VPIN ≤ VDD
D070 GPIO weak pull-up
current
IPU
40
75
115
µA
VDD = 5V, GP Pins = VSS
–40°C
≤ TA ≤ +85°C
Output Low-Voltage
D080 GPIO
VOL
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
INT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
SO, SDA
—
—
0.6
V
IOL = 3.0 mA, VDD = 1.8V
SDA
—
—
0.8
V
IOL = 3.0 mA, VDD = 4.5V
Output High-Voltage
D090 GPIO, INT, SO
VOH
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
VDD – 0.7
—
—
IOH = -400 µA, VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101 GPIO, SO, INT
CIO
——
50
pF
D102 SDA
CB
—
—
400
pF
Note 1: This parameter is characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com