Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4426AM Datasheet(PDF) 13 Page - Microchip Technology

Part # TC4426AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426AM Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC4426AM_05 Datasheet HTML 8Page - Microchip Technology TC4426AM_05 Datasheet HTML 9Page - Microchip Technology TC4426AM_05 Datasheet HTML 10Page - Microchip Technology TC4426AM_05 Datasheet HTML 11Page - Microchip Technology TC4426AM_05 Datasheet HTML 12Page - Microchip Technology TC4426AM_05 Datasheet HTML 13Page - Microchip Technology TC4426AM_05 Datasheet HTML 14Page - Microchip Technology TC4426AM_05 Datasheet HTML 15Page - Microchip Technology TC4426AM_05 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21939A-page 13
TC4426AM/TC4427AM/TC4428AM
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device and
Temperature Range:
TC4426AM: 1.5A Dual MOSFET Driver, Inverting,
-55°C to +125°C
TC4427AM: 1.5A Dual MOSFET Driver, Non-Inverting,
-55°C to +125°C
TC4428AM: 1.5A Dual MOSFET Driver, Complementary,
-55°C to +125°C
Package:
JA
= Ceramic Dual In-line (300 mil Body), 8-lead
PART NO.
XX
Package
Device and Temperature
Range
Examples:
a)
TC4426AMJA:
1.5A Dual MOSFET
driver, Inverting,
-55°C to +125°C
8LD CERDIP package.
a)
TC4427AMJA:
1.5A Dual MOSFET
driver, Non-Inverting
-55°C to +125°C
8LD CERDIP package.
a)
TC4428AMJA:
1.5A Dual MOSFET
driver, Complementary,
-55°C to +125°C
8LD CERDIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com