Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6271-E/P
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271-E/P Datasheet(HTML) 2 Page - Microchip Technology

  MCP6271-E/P Datasheet HTML 1Page - Microchip Technology MCP6271-E/P Datasheet HTML 2Page - Microchip Technology MCP6271-E/P Datasheet HTML 3Page - Microchip Technology MCP6271-E/P Datasheet HTML 4Page - Microchip Technology MCP6271-E/P Datasheet HTML 5Page - Microchip Technology MCP6271-E/P Datasheet HTML 6Page - Microchip Technology MCP6271-E/P Datasheet HTML 7Page - Microchip Technology MCP6271-E/P Datasheet HTML 8Page - Microchip Technology MCP6271-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+ and VIN–)...............±2 mA
Analog Inputs (VIN+ and VIN–) †† .. VSS –1.0VtoVDD +1.0V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current .................................Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature....................................–65°C to +150°C
Junction Temperature (TJ) ..........................................+150°C
ESD Protection On All Pins (HBM/MM)
................ ≥ 4 kV/400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, RL =10 kΩ to VDD/2 and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset (Note 1)
Input Offset Voltage
VOS
–3.0
—
+3.0
mV
VCM = VSS
Input Offset Voltage
(Extended Temperature)
VOS
–5.0
—
+5.0
mV
TA = –40°C to +125°C, VCM = VSS
Input Offset Temperature Drift
ΔVOS/ΔTA
—±1.7
—
µV/°C TA = –40°C to +125°C, VCM = VSS
Power Supply Rejection Ratio
PSRR
70
90
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current
IB
—
±1.0
—
pA
Note 2
At Temperature
IB
—
50
200
pA
TA= +85°C (Note 2)
At Temperature
IB
—2
5
nA
TA= +125°C (Note 2)
Input Offset Current
IOS
—
±1.0
—
pA
Note 3
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF Note 3
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF Note 3
Common Mode (Note 4)
Common Mode Input Voltage Range
VCMR
VSS − 0.15
—
VDD +0.15
V
VDD = 2.0V (Note 5)
VCMR
VSS − 0.30
—
VDD +0.30
V
VDD = 5.5V (Note 5)
Common Mode Rejection Ratio
CMRR
70
85
—
dB
VCM = –0.3V to 2.5V, VDD = 5V
(Note 6)
Common Mode Rejection Ratio
CMRR
65
80
—
dB
VCM = –0.3V to 5.3V, VDD = 5V
(Note 6)
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
—
dB
VOUT = 0.2V to VDD – 0.2V,
VCM =VSS (Note 1)
Note 1:
The MCP6275’s VCM for op amp B (pins VOUTA/VINB+ and VINB–) is VSS +100 mV.
2:
The current at the MCP6275’s VINB– pin is specified by IB only.
3:
This specification does not apply to the MCP6275’s VOUTA/VINB+ pin.
4:
The MCP6275’s VINB– pin (op amp B) has a common mode input voltage range (VCMR) of VSS + 100 mV to
VDD – 100 mV. CMRR is not measured for op amp B of the MCP6275. The MCP6275’s VOUTA/VINB+ pin (op amp B)
has a voltage range specified by VOH and VOL.
5:
Set by design and characterization.
6:
Does not apply to op amp B of the MCP6275.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com