Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3550 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3550 Datasheet HTML 17Page - Microchip Technology MCP3550 Datasheet HTML 18Page - Microchip Technology MCP3550 Datasheet HTML 19Page - Microchip Technology MCP3550 Datasheet HTML 20Page - Microchip Technology MCP3550 Datasheet HTML 21Page - Microchip Technology MCP3550 Datasheet HTML 22Page - Microchip Technology MCP3550 Datasheet HTML 23Page - Microchip Technology MCP3550 Datasheet HTML 24Page - Microchip Technology MCP3550 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
© 2007 Microchip Technology Inc.
DS21950D-page 21
MCP3550/1/3
5.5
Using The MCP3550/1/3 with
Microcontroller (MCU) SPI Ports
It is required that the microcontroller SPI port be config-
ured to clock out data on the falling edge of clock and
latch data in on the rising edge. Figure 5-6 depicts the
operation shown in SPI mode 1,1, which requires that
the SCK from the MCU idles in the High state, while
Figure 5-7 shows the similar case of SPI Mode 0,0,
where the clock idles in the Low state. The waveforms
in the figures are examples of an MCU operating the
SPI port in 8-bit mode, and the MCP3550/1/3 devices
do not require data in 8-bit groups.
In SPI mode 1,1, data is read using only 24 clocks or
three byte transfers. The data ready bit must be read
by testing the SDO/RDY line prior to a falling edge of
the clock.
In SPI mode 0,0, data is read using 25 clocks or four
byte transfers. Please note that the data ready bit is
included in the transfer as the first bit in this mode.
FIGURE 5-6:
SPI Communication – Mode 1,1.
FIGURE 5-7:
SPI Communication – Mode 0,0.
CS
SCK
SDO/RDY
MCU
Data stored into MCU receive
register after transmission of
first byte
Receive
Buffer
Data stored into MCU receive
register after transmission of
second byte
Data stored into MCU receive
register after transmission of
third byte
DO O
21 20 19 18 17
16
15 14 13 12 11 10 9
8
7 6 543
2 1
0
OL OH 21 20 19 18 17 16
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
RH L
CS
SCK
SDO/RDY
MCU
Data stored into MCU receive
register after transmission of
first byte
Receive
Buffer
Data stored into MCU receive
register after transmission of
second byte
Data stored into MCU receive
register after transmission of
third byte
Data stored into MCU receive
register after transmission of
fourth byte
DR
OO
21 20 19 18 17
16
14 13 12 11 10 9
654 3 2
0
OH OL 21 20 19 18 17
15 14 13 12 11 10 9
7
6
5
4
3
2
1
0
DR
8
16
15
7
8
1
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com