Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23017 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP23017 Datasheet HTML 4Page - Microchip Technology MCP23017 Datasheet HTML 5Page - Microchip Technology MCP23017 Datasheet HTML 6Page - Microchip Technology MCP23017 Datasheet HTML 7Page - Microchip Technology MCP23017 Datasheet HTML 8Page - Microchip Technology MCP23017 Datasheet HTML 9Page - Microchip Technology MCP23017 Datasheet HTML 10Page - Microchip Technology MCP23017 Datasheet HTML 11Page - Microchip Technology MCP23017 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
MCP23017/MCP23S17
DS21952B-page 8
© 2007 Microchip Technology Inc.
1.4
Hardware Address Decoder
The hardware address pins are used to determine the
device address. To address a device, the correspond-
ing address bits in the control byte must match the pin
state. The pins must be biased externally.
1.4.1
ADDRESSING I2C DEVICES
(MCP23017)
The MCP23017 is a slave I2C interface device that
supports 7-bit slave addressing, with the read/write bit
filling out the control byte. The slave address contains
four fixed bits and three user-defined hardware
address bits (pins A2, A1 and A0). Figure 1-2 shows
the control byte format.
1.4.2
ADDRESSING SPI DEVICES
(MCP23S17)
The MCP23S17 is a slave SPI device. The slave
address contains four fixed bits and three user-defined
hardware address bits (if enabled via IOCON.HAEN)
(pins A2, A1 and A0) with the read/write bit filling out
the control byte. Figure 1-3 shows the control byte
format. The address pins should be externally biased
even if disabled (IOCON.HAEN = 0).
FIGURE 1-2:
I2C™ CONTROL BYTE
FORMAT
FIGURE 1-3:
SPI CONTROL BYTE
FORMAT
FIGURE 1-4:
I2C™ ADDRESSING REGISTERS
FIGURE 1-5:
SPI ADDRESSING REGISTERS
S
0
1
0
0
A2A1A0 R/W ACK
Start
bit
Slave Address
R/W bit
ACK bit
Control Byte
R/W = 0 = write
R/W = 1 = read
0
1
0
0
A2 A1 A0 R/W
Slave Address
R/W bit
Control Byte
R/W = 0 = write
R/W = 1 = read
CS
S0
1
0
0
A2 A1 A0
0
ACK*
A7
A6
A5
A4
A3
A2
A1
A0
ACK*
Device Opcode
Register Address
R/W = 0
*The ACKs are provided by the MCP23017.
0
100
A2
*
A1
*
A0
*
R/W
A7
A6A5A4A3A2A1A0
Device Opcode
Register Address
CS
* Address pins are enabled/disabled via IOCON.HAEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com